Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7399BRU-REEL7 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD7399BRU-REEL7
Description  Quad, Serial-Input 12-Bit/10-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7399BRU-REEL7 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD7399BRU-REEL7 Datasheet HTML 4Page - Analog Devices AD7399BRU-REEL7 Datasheet HTML 5Page - Analog Devices AD7399BRU-REEL7 Datasheet HTML 6Page - Analog Devices AD7399BRU-REEL7 Datasheet HTML 7Page - Analog Devices AD7399BRU-REEL7 Datasheet HTML 8Page - Analog Devices AD7399BRU-REEL7 Datasheet HTML 9Page - Analog Devices AD7399BRU-REEL7 Datasheet HTML 10Page - Analog Devices AD7399BRU-REEL7 Datasheet HTML 11Page - Analog Devices AD7399BRU-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7398/AD7399
Rev. C | Page 8 of 24
INPUT REGISTERS
AD7398 SERIAL INPUT REGISTER DATA FORMAT
Data is loaded in the MSB first format.
MSB
LSB
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
SA
SD
A1
A0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NOTE
Bit Position B14 and Bit Position B15 are the SD and SA power shutdown control bits. If SA is set to Logic 1, all DACs are placed in the power shutdown mode. If SD is set
to Logic 1, the address decoded by Bit B12 and Bit B13 (A0 and A1) determine the DAC channel that is placed in the power shutdown state.
AD7399 SERIAL INPUT REGISTER DATA FORMAT
Data is loaded in the MSB first format.
MSB
LSB
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
SA
SD
A1
A0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NOTE
Bit Position B12 and Bit Position B13 are the SD and SA power shutdown control bits. If SA is set to Logic 1, all DACs are placed in the power shutdown mode. If SD is set
to Logic 1, the address decoded by Bit B10 and Bit B11 (A0 and A1) determine the DAC channel that is placed in the power shutdown state.
Table 6. AD7398/AD7399 Address Decode Control
SA
SD
A1
A0
DAC Channel Affected
1
X
X
X
All DACs shutdown
0
1
0
0
DAC A shutdown
0
1
0
1
DAC B shutdown
0
1
1
0
DAC C shutdown
0
1
1
1
DAC D shutdown
0
0
0
0
DAC A input register decoded
0
0
0
1
DAC B input register decoded
0
0
1
0
DAC C input register decoded
0
0
1
1
DAC D input register decoded


Numéro de pièce similaire - AD7399BRU-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7399BRU-REEL7 AD-AD7399BRU-REEL7 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
More results

Description similaire - AD7399BRU-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7398 AD-AD7398_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399 AD-AD7399_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7398 AD-AD7398 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7394 AD-AD7394 Datasheet
304Kb / 12P
   3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com