Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS65288 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS65288
Description  4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65288 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS65288 Datasheet HTML 6Page - Texas Instruments TPS65288 Datasheet HTML 7Page - Texas Instruments TPS65288 Datasheet HTML 8Page - Texas Instruments TPS65288 Datasheet HTML 9Page - Texas Instruments TPS65288 Datasheet HTML 10Page - Texas Instruments TPS65288 Datasheet HTML 11Page - Texas Instruments TPS65288 Datasheet HTML 12Page - Texas Instruments TPS65288 Datasheet HTML 13Page - Texas Instruments TPS65288 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
VEN_SWx
VOUT_SWx
tD_on tr
90%
10%
50%
50%
90%
tD_off
10%
tf
TPS65288
SLVSBX3 – MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TJ = –40°C to 125°C, VIN = 12 V, fSW = 500 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
USB_IN = 5 V,
RDIS
Discharge resistance
130
Ω
USB1_EN/USB2_EN = 0 V
THERMAL SHUTDOWN
TTRIP
Thermal shut down trip point
Rising temperature
160
°C
THYST
Thermal shut down hysteresis
Device re-starts
20
°C
TTRIP_DEGLITCH
Thermal shut down deglitch
110
µs
Figure 1. Power Switches Test Circuit and Voltage Waveforms
Figure 2. Response Time to Short Circuit Waveform
Figure 3. Output Voltage vs Current Limit Threshold
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS65288


Numéro de pièce similaire - TPS65288

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65288 TI-TPS65288 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65288 TI1-TPS65288 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
More results

Description similaire - TPS65288

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65287 TI1-TPS65287 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS65251 TI-TPS65251_15 Datasheet
2Mb / 35P
[Old version datasheet]   TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS65257 TI1-TPS65257 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
TPS65257 TI-TPS65257_15 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTER WITH INTEGRATED FET, USB SWITCH AND PUSH BUTTON CONTROL
TPS65258 TI1-TPS65258 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET AND 2 USB SWITCHES
TPS65251-1 TI-TPS65251-1_15 Datasheet
3Mb / 39P
[Old version datasheet]   TPS65251-x 4.5-V to 18-V Input, High Current, Synchronous Step Down Three Buck Switchers With Integrated FET
TPS65250 TI-TPS65250_1 Datasheet
1Mb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK CONVERTER WITH INTEGRATED FET AND DYING GASP STORAGE AND RELEASE CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com