Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62086RLTR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62086RLTR
Description  3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62086RLTR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS62086RLTR Datasheet HTML 4Page - Texas Instruments TPS62086RLTR Datasheet HTML 5Page - Texas Instruments TPS62086RLTR Datasheet HTML 6Page - Texas Instruments TPS62086RLTR Datasheet HTML 7Page - Texas Instruments TPS62086RLTR Datasheet HTML 8Page - Texas Instruments TPS62086RLTR Datasheet HTML 9Page - Texas Instruments TPS62086RLTR Datasheet HTML 10Page - Texas Instruments TPS62086RLTR Datasheet HTML 11Page - Texas Instruments TPS62086RLTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Vout (DC, 0.5V/div)
Icoil (DC, 2A/div)
t -- 5 s/div
PG (DC, 5V/div)
Vout (DC, 0.5V/div)
Icoil (DC, 2A/div)
t -- 200 s/div
PG (DC, 5V/div)
Vout (DC, 0.5V/div)
Icoil (DC, 2A/div)
t -- 200 s/div
PG (DC, 5V/div)
Load (DC, 2A/div)
Vout (DC, 0.1V/div)
Icoil (DC, 2A/div)
t -- 2 s/div
PG (DC, 5V/div)
Load (DC, 2A/div)
Vout (DC, 0.1V/div)
Icoil (DC, 2A/div)
t -- 3 s/div
PG (DC, 5V/div)
TPS62085
TPS62086
TPS62087
SLVSB70 – OCTOBER 2013
www.ti.com
Load Transient, Load = 0.5 A to 3 A
Load Transient, Load = 50 mA to 3 A
Figure 17.
Figure 18.
Output Short Circuit Protection, Load = 0.47
Ω, Entry
Output Short Circuit Protection, Load = 0.47
Ω, Recovery
Figure 19.
Figure 20.
Output Short Circuit Protection, Load = 0.47
Ω, HICCUP Zoom In
Figure 21.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS62085 TPS62086 TPS62087


Numéro de pièce similaire - TPS62086RLTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62086 TI1-TPS62086 Datasheet
904Kb / 20P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
More results

Description similaire - TPS62086RLTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62085 TI1-TPS62085_14 Datasheet
904Kb / 20P
[Old version datasheet]   3-A Step-Down Converter with Hiccup Short Circuit Protection in 2x2 QFN Package
TPS62085 TI-TPS62085_15 Datasheet
929Kb / 25P
[Old version datasheet]   TPS6208x 3-A Step-Down Converter With Hiccup Short-Circuit Protection In 2 횞 2 QFN Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62061 TI1-TPS62061 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
JANUARY2011
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62060 TI-TPS62060 Datasheet
825Kb / 21P
[Old version datasheet]   3-MHz 1.6A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com