Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61281YFFR Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS61281YFFR
Description  Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61281YFFR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS61281YFFR Datasheet HTML 6Page - Texas Instruments TPS61281YFFR Datasheet HTML 7Page - Texas Instruments TPS61281YFFR Datasheet HTML 8Page - Texas Instruments TPS61281YFFR Datasheet HTML 9Page - Texas Instruments TPS61281YFFR Datasheet HTML 10Page - Texas Instruments TPS61281YFFR Datasheet HTML 11Page - Texas Instruments TPS61281YFFR Datasheet HTML 12Page - Texas Instruments TPS61281YFFR Datasheet HTML 13Page - Texas Instruments TPS61281YFFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
SW
PGND
SDA
PGND
SW
nBYP
AGND
PGND
TOP VIEW
D4
D3
D2
D1
C4
PGND
C3
C2
C1
nBYP
PGND
SW
SDA
AGND
BOTTOM VIEW
VSEL
SCL
VOUT
VOUT
VOUT
B1
B2
B3
B4
VOUT
VSEL
SCL
EN
GPIO
VIN
VIN
VIN
A1
A2
A3
A4
VIN
EN
GPIO
SW
PGND
TPS61280
, TPS61281, TPS61282
SLVSBI1 – OCTOBER 2013
www.ti.com
PIN ASSIGNMENTS (TPS61280)
Table 1. PIN FUNCTIONS (TPS61280)
PIN
I/O
DESCRIPTION
NAME
NO.
VIN
A3, A4
I
Power supply input.
VOUT
B3, B4
O
Boost converter output.
This is the enable pin of the device. On the rising edge of the enable pin, all the registers are reset
with their default values. This input must not be left floating and must be terminated.
EN = Low: The device is forced into shutdown mode and the I2C control interface is disabled.
Depending on the logic level applied to the nBYP input, the converter can either be forced in pass-
EN
A1
I
through mode or it's output can be regulated to a minimum level so as to limit the input-to-output
voltage difference to less than 3.6V (typ). The current consumption is reduced to a few µA. For more
details, refer to Table 5.
EN = High: The device is operating normally featuring automatic dc/dc boost, pass-through mode
transition. For more details, refer to Table 5.
This pin can either be configured as a input (mode selection) or as dual role input/open-drain output
(nRST/nFAULT) pin. Per default, the pin is configured as nRST/nFAULT input/output. The input must
not be left floating and must be terminated.
Manual Reset Input: Drive nRST/nFAULT low to initiate a reset of the converter's output.
nRST/nFAULT controls a falling edge-triggered sequence consisting of a discharge phase of the
capacitance located at the converter's output followed by a start-up phase.
Fault Output (open-drain interrupt signal to host): Indicates that a fault has occurred (e.g. thermal
GPIO
A2
I/O
shutdown, output voltage out of limits, current limit triggered etc ...). To signal such an event, the
device generates a falling edge-triggered interrupt by driving a negative pulse onto the GPIO line and
then releases the line to its inactive state.
Mode selection input = Low: The device is operating in regulated frequency pulse width modulation
mode (PWM) at high-load currents and in pulse frequency modulation mode (PFM) at light load
currents.
Mode selection input = High: Low-noise mode enabled, regulated frequency PWM operation forced.
VSEL signal is primarily used to set the output voltage dc/dc boost, pass-through threshold. This pin
VSEL
B1
I
must not be left floating and must be terminated.
A logic low level on the nBYP input forces the device in pass-through mode. For more details, refer
nBYP
C1
I
to . This pin must not be left floating and must be terminated.
SCL
B2
I
Serial interface clock line. This pin must not be left floating and must be terminated.
SDA
C2
I/O
Serial interface address/data line. This pin must not be left floating and must be terminated.
Inductor connection. Drain of the internal power MOSFET. Connect to the switched side of the
SW
C3, C4
I/O
inductor.
PGND
D2, D3, D4
Power ground pin.
AGND
D1
Analog ground pin. This is the signal ground reference for the IC.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS61280 TPS61281 TPS61282


Numéro de pièce similaire - TPS61281YFFR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61281 TI-TPS61281 Datasheet
2Mb / 55P
[Old version datasheet]   TPS6128x Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61281A TI1-TPS61281A Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61281AYFFR TI1-TPS61281AYFFR Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61281AYFFT TI1-TPS61281AYFFT Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61281D TI1-TPS61281D Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
More results

Description similaire - TPS61281YFFR

FabricantNo de pièceFiches techniqueDescription
logo
Anpec Electronics Corop...
APW7281 ANPEC-APW7281 Datasheet
296Kb / 23P
   Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
logo
Texas Instruments
TPS61280 TI-TPS61280_15 Datasheet
2Mb / 55P
[Old version datasheet]   TPS6128x Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280A TI-TPS61280A_15 Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280A TI1-TPS61280A_16 Datasheet
2Mb / 54P
[Old version datasheet]   TPS6128xA Low-, Wide- Voltage Battery Front-End DC/DC Converter Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
TPS61280D TI1-TPS61280D_V01 Datasheet
3Mb / 63P
[Old version datasheet]   TPS6128xD/E Low-IQ, Wide-Voltage Battery Front-End DC/DC Converter for Single-Cell Li-Ion, Ni-Rich, Si-Anode Applications
REVISED JUNE 2023
logo
Renesas Technology Corp
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Renesas Technology Corp
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com