Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61163A Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61163A
Description  Dual-Channel WLED Drivers for Smart Phone
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61163A Fiches technique(HTML) 3 Page - Texas Instruments

  TPS61163A Datasheet HTML 1Page - Texas Instruments TPS61163A Datasheet HTML 2Page - Texas Instruments TPS61163A Datasheet HTML 3Page - Texas Instruments TPS61163A Datasheet HTML 4Page - Texas Instruments TPS61163A Datasheet HTML 5Page - Texas Instruments TPS61163A Datasheet HTML 6Page - Texas Instruments TPS61163A Datasheet HTML 7Page - Texas Instruments TPS61163A Datasheet HTML 8Page - Texas Instruments TPS61163A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TPS61162A
TPS61163A
www.ti.com
SLVSC26 – NOVEMBER 2013
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage range
2.7
6.5
V
TPS61162A
VIN
27
VOUT
Output voltage range
V
TPS61163A
VIN
38
L
Inductor
4.7
10
µH
CI
Input capacitor
1.0
µF
CO
Output capacitor
1.0
2.2
µF
CCOMP
Compensation capacitor
330
nF
FPWM
PWM dimming signal frequency
10
100
kHz
TJ
Operating junction temperature
–40
125
°C
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, EN = high, PWM = high, IFB current = 20mA, TJ = -40°C to +125°C, typical values are at TJ = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VIN
Input voltage range
2.7
6.5
V
VIN falling
2.2
2.3
VVIN_UVLO
Under voltage lockout threshold
V
VIN rising
2.45
VVIN_HYS
VIN UVLO hysteresis
100
mV
Device enable, switching 1.2 MHz and no
Iq
Operating quiescent current into VIN
1.2
2
mA
load, VIN = 3.6V
ISD
Shutdown current
EN = low
1
2
µA
EN and PWM
VH
EN Logic high
1.2
V
VL
EN Logic Low
0.4
V
VH
PWM Logic high
1.2
V
VL
PWM Logic Low
0.4
V
EN pin and PWM pin internal pull-
RPD
400
800
1600
k
down resistor
tPWM_SD
PWM logic low width to shutdown
PWM high to low
20
ms
tEN_SD
EN logic low width to shutdown
EN high to low
2.5
ms
CURRENT REGULATION
VISET_full
ISET pin voltage
Full brightness
1.204
1.229
1.253
V
KISET_full
Current multiplier
Full brightness
1030
IISET = 20 μA, D = 100%, 0°C to 70°C
–2%
2%
IFB_avg
Current accuracy
IISET = 20 µA, D = 100%, –40°C to 85°C
–2.3%
2.3%
D = 100%
1%
2%
KM
(IMAX – IAVG) / IAVG
D = 25%
1%
IIFB_max
Current sink max output current
IISET = 35 μA, each IFBx pin
30
mA
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS61162A TPS61163A


Numéro de pièce similaire - TPS61163A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61163A TI1-TPS61163A Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
TPS61163AYFFR TI1-TPS61163AYFFR Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
More results

Description similaire - TPS61163A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61163 TI-TPS61163 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162D TI-TPS61162D Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Channel WLED Drivers For Smart Phone
TPS61162D TI1-TPS61162D_16 Datasheet
1Mb / 29P
[Old version datasheet]   Dual-Channel WLED Drivers for Smart Phones
TPS61162D_016 TI1-TPS61162D_016 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61162D Dual-Channel WLED Drivers for Smart Phones
TPS61162A TI1-TPS61162A_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6116xA Dual-Channel WLED Drivers For Smart Phones
logo
Richtek Technology Corp...
RT4531 RICHTEK-RT4531 Datasheet
195Kb / 14P
   Dual Channel 10s2p WLED Drivers
logo
Fairchild Semiconductor
FAN3241 FAIRCHILD-FAN3241 Datasheet
1Mb / 19P
   Smart Dual-Coil Relay Drivers
logo
ON Semiconductor
FAN3240 ONSEMI-FAN3240 Datasheet
1Mb / 21P
   Smart Dual-Coil Relay Drivers
May 2014 Rev. 1.0.2
logo
Active-Semi, Inc
ACT5880 ACTIVE-SEMI-ACT5880_14 Datasheet
1Mb / 87P
   15 Channels Advanced PMU for Smart Phone
Rev 2, 03-Sep-13
logo
List of Unclassifed Man...
DLBM-CG121 ETC1-DLBM-CG121 Datasheet
318Kb / 40P
   A Class 2 Bluetooth module suitable for cellular phone, smart phone applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com