Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBT35200MT1 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MBT35200MT1
Description  High Current Surface Mount PNP Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBT35200MT1 Fiches technique(HTML) 4 Page - ON Semiconductor

  MBT35200MT1 Datasheet HTML 1Page - ON Semiconductor MBT35200MT1 Datasheet HTML 2Page - ON Semiconductor MBT35200MT1 Datasheet HTML 3Page - ON Semiconductor MBT35200MT1 Datasheet HTML 4Page - ON Semiconductor MBT35200MT1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBT35200MT1
http://onsemi.com
4
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
10
0.01
0.1
1.0
10
100
0.1
1.0
100
ms
1 ms
10 ms
100 ms
1 s
DC
SINGLE PULSE AT Tamb = 25°C
Figure 7. Output Capacitance
VCB, COLLECTOR BASE VOLTAGE (VOLTS)
0
225
125
100
75
25
0
15
5.0
10
50
200
175
150
30
20
25
35
Figure 8. Safe Operating Area
0.1
Figure 9. Normalized Thermal Response
t, TIME (sec)
1.0
0.001
0.01
0.00001
0.01
0.1
1.0
100
1000
0.1
0.0001
0.001
10
D = 0.5
0.02
0.05
0.2
0.01
SINGLE PULSE


Numéro de pièce similaire - MBT35200MT1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MBT35200MT1 ONSEMI-MBT35200MT1 Datasheet
81Kb / 8P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
August, 2000 ??Rev. 1
MBT35200MT1 ONSEMI-MBT35200MT1 Datasheet
64Kb / 6P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
June, 2005 ??Rev. 2
MBT35200MT1 ONSEMI-MBT35200MT1 Datasheet
115Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor
August, 2013 ??Rev. 5
MBT35200MT1G ONSEMI-MBT35200MT1G Datasheet
64Kb / 6P
   High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications
June, 2005 ??Rev. 2
MBT35200MT1G ONSEMI-MBT35200MT1G Datasheet
115Kb / 5P
   High Current Surface Mount PNP Silicon Switching Transistor
August, 2013 ??Rev. 5
More results

Description similaire - MBT35200MT1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NSL12TT1 ONSEMI-NSL12TT1 Datasheet
69Kb / 8P
   High Current Surface Mount PNP Silicon
February, 2002 ??Rev. 2
NSL35TT1 ONSEMI-NSL35TT1 Datasheet
208Kb / 7P
   High Current Surface Mount PNP Silicon Mount PNP Silicon Transistor
August, 2006 ??Rev. 3
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_10 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CXT953 CENTRAL-CXT953 Datasheet
89Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
CZT953 CENTRAL-CZT953 Datasheet
92Kb / 2P
   SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
CTLT953-M833 CENTRAL-CTLT953-M833 Datasheet
602Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT953 CENTRAL-CZT953_10 Datasheet
535Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CXT953 CENTRAL-CXT953_10 Datasheet
291Kb / 2P
   SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
CZT955 CENTRAL-CZT955 Datasheet
979Kb / 3P
   SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com