Moteur de recherche de fiches techniques de composants électroniques |
|
TPS70933DRVR Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
TPS70933DRVR Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 28 page TPS709 www.ti.com SBVS186E – MARCH 2012 – REVISED NOVEMBER 2013 ELECTRICAL CHARACTERISTICS At TA = –40°C to +85°C, VIN = VOUT (typ) + 1 V or 2.7 V (whichever is greater), IOUT = 1 mA, VEN = 2 V, and CIN = COUT = 2.2-μF ceramic, unless otherwise noted. Typical values are at TA = +25°C. TPS709xx PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIN Input voltage range 2.7 30 V VOUT Output voltage range 1.2 6.5 V VOUT < 3.3 V –2 2 % VO DC output accuracy VOUT ≥ 3.3 V –1 1 % Line regulation (VOUT(NOM) + 1 V, 2.7 V) ≤ VIN ≤ 30 V 3 10 mV ΔVO VIN = VOUT (typ) + 1.5 V or 3 V (whichever is Load regulation 20 50 mV greater), 100 µA ≤ IOUT ≤ 150 mA TPS70933, IOUT = 50 mA 295 650 mV TPS70933, IOUT = 150 mA 960 1400 mV TPS70950, IOUT = 50 mA 245 500 mV VDO Dropout voltage(1)(2) TPS70950, IOUT = 150 mA 690 1200 mV TPS70965, IOUT = 50 mA 180 500 mV TPS70965, IOUT = 150 mA 460 1000 mV ICL Output current limit(3) VOUT = 0.9 × VOUT(NOM) 200 320 500 mA IOUT = 0 mA, VOUT ≤ 3.3 V 1.3 2.05 µA IGND Ground pin current IOUT = 0 mA, VOUT > 3.3 V 1.4 2.25 µA IOUT = 150 mA 350 µA ISHUTDOWN Shutdown current VEN ≤ 0.4 V, VIN = 2.7 V 150 nA f = 10 Hz 80 dB PSRR Power-supply rejection ratio f = 100 Hz 62 dB f = 1 kHz 52 dB BW = 10 Hz to 100 kHz, IOUT = 10 mA, VN Output noise voltage 190 μVRMS VIN = 2.7 V, VOUT = 1.2 V VOUT(NOM) ≤ 3.3 V 200 600 µs tSTR Start-up time(4) VOUT(NOM) > 3.3 V 500 1500 µs Enable pin high (enabled) 0.9 V VEN(HI) Enable pin high (disabled) 0 0.4 V IEN EN pin current EN = 1.0 V, VIN = 5.5 V 300 nA Reverse current VOUT = 3 V, VIN = VEN = 0 V 10 nA (flowing out of IN pin) IREV Reverse current VOUT = 3 V, VIN = VEN = 0 V 100 nA (flowing into OUT pin) Shutdown, temperature increasing +158 °C Thermal shutdown tSD temperature Reset, temperature decreasing +140 °C Operating junction TJ –40 +125 °C temperature (1) VDO is measured with VIN = 0.98 × VOUT(NOM). (2) Dropout is only valid when VOUT ≥ 2.8 V because of the minimum input voltage limits. (3) Measured with VIN = VOUT + 3 V for VOUT ≤ 2.5 V. Measured with VIN = VOUT + 2.5 V for VOUT > 2.5 V. (4) Startup time = time from EN assertion to 0.95 × VOUT(NOM) and load = 47 Ω. Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 |
Numéro de pièce similaire - TPS70933DRVR |
|
Description similaire - TPS70933DRVR |