Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS70925DBVR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS70925DBVR
Description  150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70925DBVR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS70925DBVR Datasheet HTML 6Page - Texas Instruments TPS70925DBVR Datasheet HTML 7Page - Texas Instruments TPS70925DBVR Datasheet HTML 8Page - Texas Instruments TPS70925DBVR Datasheet HTML 9Page - Texas Instruments TPS70925DBVR Datasheet HTML 10Page - Texas Instruments TPS70925DBVR Datasheet HTML 11Page - Texas Instruments TPS70925DBVR Datasheet HTML 12Page - Texas Instruments TPS70925DBVR Datasheet HTML 13Page - Texas Instruments TPS70925DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Channel 4
(2 V / div)
Channel 2
(50 mV / div)
Time (50 s / div)
m
G028
Channel 2 = V
4 = V
I
= 10 mA
OUT
IN
OUT
Channel
Channel 4
(2 V / div)
Channel 2
(50 mV / div)
Time (50 s / div)
m
G029
Channel 2 = V
4 = V
I
= 50 mA
OUT
IN
OUT
Channel
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (10 ms / div)
Channel 2 = V
Channel 4 = I
V
= 4.3 V
OUT
OUT
IN
G026
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (500 s / div)
m
Channel 2 = V
Channel 4 = I
V
= 4.3 V
OUT
OUT
IN
G027
Channel 4
(50 mA / div)
Channel 2
(200 mV / div)
Time (100 s / div)
m
Channel 2 = V
Channel 4 = I
V
= 4.3 V
OUT
OUT
IN
G024
Channel 4
(100 mA / div)
Channel 2
(200 mV / div)
Time (500 s / div)
m
Channel 2 = V
Channel 4 = I
V
= 4.3 V
OUT
OUT
IN
G025
TPS709
SBVS186E – MARCH 2012 – REVISED NOVEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), IOUT = 10 mA, VEN = 2 V, COUT = 2.2 μF, and VIN = VOUT(TYP) +
1 V or 2.7 V (whichever is greater), unless otherwise noted. Typical values are at TJ = +25°C.
Figure 25. TPS70933 LOAD TRANSIENT
Figure 26. TPS70933 LOAD TRANSIENT
(0 mA to 50 mA)
(1 mA to 150 mA)
Figure 27. TPS70933 LOAD TRANSIENT
Figure 28. TPS70933 LOAD TRANSIENT
(50 mA to 0 mA)
(50 mA to 150 mA)
Figure 29. TPS70912 LINE TRANSIENT
Figure 30. TPS70912 LINE TRANSIENT
(2.7 V to 3.7 V)
(2.7 V to 3.7 V)
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated


Numéro de pièce similaire - TPS70925DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS70925DBVR TI1-TPS70925DBVR Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS70925DBVR TI1-TPS70925DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70925DBVR TI1-TPS70925DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS70925DBVR TI1-TPS70925DBVR Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70925DBVR TI-TPS70925DBVR Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Description similaire - TPS70925DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com