Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7B6733QPWPRQ1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7B6733QPWPRQ1
Description  450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B6733QPWPRQ1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS7B6733QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS7B6733QPWPRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
25
30
35
40
VS (V)
C011
0
20
40
60
80
100
120
10
100
1000
10000 100000 100000010000000
100000000
Frequency (Hz)
C012
10
100
1000
10000
100000
1000000
10000000
0
20
40
60
80
100
0.0
0.5
1.0
1.5
ESR of CO (
C009
0.001
5
10
15
20
500
400
300
200
100
10
Stable Region
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
40
VS (V)
C010
1.40
1.42
1.44
1.46
1.48
1.50
1.52
1.54
1.56
1.58
1.60
0
50
100
150
200
250
300
350
400
450
IO (mA)
VO (
±40ƒC)
VO (25
ƒC)
VO (125
ƒC)
C007
VO (J40ƒC)
VO (25°C)
VO (125°C)
0
20
40
60
80
100
0.0
0.5
1.0
1.5
ESR of CO (
C008
0.001
5
10
15
20
500
400
300
200
100
22
Stable Region
TPS7B6701-Q1
TPS7B6733-Q1, TPS7B6750-Q1
TPS7B6750A-Q1, TPS7B6750B-Q1
SLVSCB2A – OCTOBER 2013 – REVISED NOVEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
ESR STABILITY
vs
LOAD REGULATION
LOAD CAPACITANCE
(VI = 14 V, VO = 1.5 V)
(VO ≤ 2.5 V)
Figure 11.
Figure 12.
ESR STABILITY
OUTPUT VOLTAGE
vs
vs
LOAD CAPACITANCE
SUPPLY VOLTAGE
(VO ≥ 2.5 V)
(Fixed 5-V Version, IL = 0)
Figure 13.
Figure 14.
OUTPUT VOLTAGE
POWER-SUPPLY REJECTION RATIO
vs
vs
SUPPLY VOLTAGE
FREQUENCY
(Fixed 3.3-V Version, IL = 0)
(VI = 14 V, CO = 47 µF, IL = 25 mA)
Figure 15.
Figure 16.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS7B6701-Q1 TPS7B6733-Q1 TPS7B6750-Q1 TPS7B6750A-Q1 TPS7B6750B-Q1


Numéro de pièce similaire - TPS7B6733QPWPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7B6733QPWPRQ1 TI1-TPS7B6733QPWPRQ1 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
More results

Description similaire - TPS7B6733QPWPRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7B6701-Q1 TI1-TPS7B6701-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6701-Q1 TI-TPS7B6701-Q1_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS7B67xx-Q1 450-mA High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
TPS7B6925-Q1 TI1-TPS7B6925-Q1_17 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage Ultra-Low IQ Low-Dropout Regulator
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335 ONSEMI-NCP3335 Datasheet
128Kb / 8P
   High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCV8716 ONSEMI-NCV8716_16 Datasheet
668Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
August, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com