Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A3501DRVR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A3501DRVR
Description  High PSRR, Low-Noise, 1-A Power Filter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A3501DRVR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS7A3501DRVR Datasheet HTML 2Page - Texas Instruments TPS7A3501DRVR Datasheet HTML 3Page - Texas Instruments TPS7A3501DRVR Datasheet HTML 4Page - Texas Instruments TPS7A3501DRVR Datasheet HTML 5Page - Texas Instruments TPS7A3501DRVR Datasheet HTML 6Page - Texas Instruments TPS7A3501DRVR Datasheet HTML 7Page - Texas Instruments TPS7A3501DRVR Datasheet HTML 8Page - Texas Instruments TPS7A3501DRVR Datasheet HTML 9Page - Texas Instruments TPS7A3501DRVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
¨9 P9
¨9 P9
¨9 P9
C010
C
IN = 1 F, Iout = 500 mA
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
Cnr = 10 nF
Cnr = 100 nF
Cnr = 1 uF
C010
C
IN = 1 F, Iout = 500 mA
NR
NR
NR
0
0.5
1
1.5
2
2.5
3
3.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Iout (A)
C009
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
Iout = 100 mA
Iout = 500 mA
Iout = 1 A
C010
C
IN = 1 F, CNR = 1 µF
OUT
OUT
OUT
0
100
200
300
400
500
600
700
800
900
1000
1.8
2.1
2.4
2.7
3
3.3
3.6
Input Voltage (V)
-40
SC
0
SC
+25
SC
+105
SC
+125
SC
C007
V
EN = 0 V
1.5
1.6
1.7
1.8
1.9
2
1.8
2.1
2.4
2.7
3
3.3
3.6
Input Voltage (V)
-40
SC
0
SC
+25
SC
+105
SC
+125
SC
C008
V
OUT = 90% x VOUT(NOM)
TPS7A3501
SBVS228A – JULY 2013 – REVISED OCTOBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At VIN = 3.6 V, RNR = ∞ (not connected), IOUT = 10 mA, VEN = VIN, COUT = 10.0 µF, CIN = 10 µF, and CNR = 0.1 µF, unless
otherwise noted.
Figure 8. SHUTDOWN CURRENT vs INPUT VOLTAGE
Figure 9. CURRENT LIMIT vs INPUT VOLTAGE
Figure 10. FOLDBACK CURRENT LIMIT
Figure 11. POWER-SUPPLY REJECTION RATIO vs
FREQUENCY
Figure 12. POWER-SUPPLY REJECTION RATIO vs
Figure 13. POWER-SUPPLY REJECTION RATIO vs
FREQUENCY
FREQUENCY
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS7A3501


Numéro de pièce similaire - TPS7A3501DRVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A3501 TI1-TPS7A3501 Datasheet
1Mb / 24P
[Old version datasheet]   High PSRR, Low-Noise, 1-A Power Filter
TPS7A3501EVM-547 TI-TPS7A3501EVM-547 Datasheet
240Kb / 11P
[Old version datasheet]   TPS7A3501EVM-547 Evaluation Module
TPS7A3501 TI1-TPS7A3501_14 Datasheet
1Mb / 24P
[Old version datasheet]   High PSRR, Low-Noise, 1-A Power Filter
TPS7A3501_15 TI-TPS7A3501_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A3501 High PSRR, Low-Noise, 1-A Power Filter
More results

Description similaire - TPS7A3501DRVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A3501 TI1-TPS7A3501_14 Datasheet
1Mb / 24P
[Old version datasheet]   High PSRR, Low-Noise, 1-A Power Filter
TPS7A3501_15 TI-TPS7A3501_15_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A3501 High PSRR, Low-Noise, 1-A Power Filter
logo
3PEAK INC.
TPL910 3PEAK-TPL910 Datasheet
578Kb / 17P
   1-A Output, High-PSRR, Low-Noise LDO Regulator
Rev.A.1
logo
Texas Instruments
TPS7A80 TI1-TPS7A80 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS7A94 TI-TPS7A94_V01 Datasheet
4Mb / 62P
[Old version datasheet]   TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, Low-Dropout Regulator
REVISED MAY 2022
TPS7A8101 TI1-TPS7A8101 Datasheet
990Kb / 24P
[Old version datasheet]   Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
logo
ON Semiconductor
NCV59801 ONSEMI-NCV59801 Datasheet
351Kb / 13P
   LDO Regulator, 1A, High Accuracy (0.7%), Adjustable, Low Noise, High PSRR with Power Good
August, 2022 - Rev. 0
logo
Texas Instruments
TPS7A8101 TI-TPS7A8101_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS7A8101 Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1-A Linear Regulator
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com