Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP320F28376DPTPS Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TMP320F28376DPTPS
Description  TMS320F2837XD Dual-Core Delfino Microcontrollers
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320F28376DPTPS Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TMP320F28376DPTPS Datasheet HTML 4Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 5Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 6Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 7Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 8Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 9Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 10Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 11Page - Texas Instruments TMP320F28376DPTPS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
TMS320F28377D, TMS320F28376D
SPRS880 – DECEMBER 2013
www.ti.com
2.2
Memory Map
Table 2-2 shows the memory map.
Table 2-2. Memory Map
BLOCK START
CPU1.CLA1
CPU2.CLA1
CPU1.DMA
C28x_1
C28x_2
CPU2.DMA
ADDRESS
(DATA SPACE)
(DATA SPACE)
0x0000 0000
M0 RAM (with ECC) (2KB) (1KW)
0x0000 0400
M1 RAM (with ECC) (2KB) (1KW)
0x0000 0800
C28x Emulation and Test Registers
(512 Bytes) (256 Words)
0x0000 0A00
0x0000 0B00
ADC-A to ADC-D Result Registers (0-wait access) (64 Bytes each) (32 Words each)
0x0000 0B80
0x0000 0C00
CPU Timer 0, 1, 2 CPU Timer 0, 1, 2
Registers
Registers
(3 x 16 Bytes)
(3 x 16 Bytes)
(3 x 8 Words)
(3 x 8 Words)
0x0000 0C18
0x0000 0CE0
ePIE Registers
ePIE Registers
and
and
0x0000 0D00
Vectors
Vectors
0x0000 0E00
0x0000 0F00
FPU Registers
FPU Registers
(512 Bytes)
(512 Bytes)
(256 Words)
(256 Words)
0x0000 1000
DMA Registers
DMA Registers
(1KB) (0.5KW)
(1KB) (0.5KW)
0x0000 1200
VCU Registers
VCU Registers
(512 Bytes)
(512 Bytes)
(256 Words)
(256 Words)
0x0000 1300
0x0000 2000
EMIF-2 (8KB) (4KW)
0x0000 3000
0x0000 4000
Control Peripheral Registers (16KB) (8KW)
0x0000 6000
High-Speed Serial Port Registers (8KB) (4KW)
0x0000 7000
Reserved
0x0000 8000
LS0–LS5 RAM (with Parity)
LS0–LS5 RAM (with Parity)
(4KB each) (2KW each)
(4KB each) (2KW each)
0x0000 B000
D0 RAM (ECC)
D0 RAM (ECC)
(4KB) (2KW)
(4KB) (2KW)
0x0000 B800
D1 RAM (ECC)
D1 RAM (ECC)
(4KB) (2KW)
(4KB) (2KW)
0x0000 C000
GS0–GS2 RAM
GS0–GS2 RAM (with Parity)
GS0–GS2 RAM
(8KB each) (4KW each)
0x0000 F000
GS3 RAM
CPU1.CLA1
GS3 RAM (with Parity)
CPU2.CLA1
GS3 RAM
Data ROM
(8KB) (4KW)
Data ROM
0x0001 0000
GS4–GS15 RAM
GS4–GS15 RAM (with Parity)
GS4–GS15 RAM
(8KB each) (4KW each)
0x0001 C000
0x0003 F800
CPU2–CPU1
CPU2–CPU1 IPC MSG RAM
CPU2–CPU1
IPC MSG RAM
(2KB) (1KW)
IPC MSG RAM
0x0003 FC00
CPU1–CPU2
CPU1–CPU2 IPC MSG RAM
CPU1–CPU2
IPC MSG RAM
(2KB) (1KW)
IPC MSG RAM
0x0004 0000
USB Registers
(8KB) (4KW)
8
Device Overview
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320F28377D TMS320F28376D


Numéro de pièce similaire - TMP320F28376DPTPS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP320F2802238A TI-TMP320F2802238A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802238S TI-TMP320F2802238S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248A TI-TMP320F2802248A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248S TI-TMP320F2802248S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802338A TI-TMP320F2802338A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
More results

Description similaire - TMP320F28376DPTPS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMS320F28379D TI1-TMS320F28379D_V01 Datasheet
2Mb / 222P
[Old version datasheet]   TMS320F2837xD Dual-Core Delfino??Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28379D TI-TMS320F28379D_V03 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI-TMS320F28379D_V02 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D TI1-TMS320F28377D_14 Datasheet
1Mb / 121P
[Old version datasheet]   Dual-Core Delfino??Microcontrollers
TMS320F28377D-EP TI-TMS320F28377D-EP_V01 Datasheet
2Mb / 208P
[Old version datasheet]   TMS320F28377D-EP Dual-Core Delfino??Microcontrollers
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com