Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD1S414YZR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPD1S414YZR
Description  USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1S414YZR Fiches technique(HTML) 5 Page - Texas Instruments

  TPD1S414YZR Datasheet HTML 1Page - Texas Instruments TPD1S414YZR Datasheet HTML 2Page - Texas Instruments TPD1S414YZR Datasheet HTML 3Page - Texas Instruments TPD1S414YZR Datasheet HTML 4Page - Texas Instruments TPD1S414YZR Datasheet HTML 5Page - Texas Instruments TPD1S414YZR Datasheet HTML 6Page - Texas Instruments TPD1S414YZR Datasheet HTML 7Page - Texas Instruments TPD1S414YZR Datasheet HTML 8Page - Texas Instruments TPD1S414YZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TPD1S414
www.ti.com
SLLSEH9A – OCTOBER 2013 – REVISED OCTOBER 2013
ELECTRICAL CHARACTERISTICS (OVP CIRCUIT) (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Difference between rising and
VBUS_SYS UVLO Hysteresis,
VHYS_UVLO_SYS
falling UVLO thresholds on
480
mV
VBUS_SYS
VBUS_SYS
VBUS_SYS undervoltage lockout,
VBUS_SYS voltage falling from 7 V
VUVLO_SYS_FALL
3
3.2
3.4
V
VBUS_SYS
to 5 V
THERMAL SHUTDOWN FEATURE
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Thermal Shutdown
Junction temperature
145
°C
TSHDN
Thermal-Shutdown Hysteresis
Junction temperature
35
°C
SWITCHING CHARACTERISTICS (nFET)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBUS_CON = 5 V, IOUT = 1 A,
RDS(on)
Switch ON Resistance
39
50
m
Ω
TA = 25˚C
TIMING REQUIREMENTS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Measured from EN asserted LOW to
tDELAY
USB Charging Turn-ON Delay
nFET beginning to Turn ON(1)
20
ms
excluding soft-start time
Measure from VBUS_SYS rises above
USB Charging rise time (Soft
tSS
25% (with 1 M
Ω load/ NO CLOAD) until
25
ms
Start Delay)
ACK goes Low (10%)
Measured from EN asserted High to
tOFF_DELAY
USB Charging Turn-OFF time
VBUS_SYS falling to 10% with RLOAD =
4
µs
10
Ω and No CLOAD on VBUS_SYS
Over Voltage Protection
Measured from OVP Condition to FET
tOVP_response
OVP Response time
Turn OFF(1)(2). VBUS_CON rises at 1V /
100
ns
100ns
Measured from OVP Clear to FET Turn
tOVP_Recov
Recovery Time
20
ms
ON(1)(3)
(1)
Shown in TIMING DIAGRAM Plots
(2)
Parameters provided for reference only, and do not constitute part of TI's published device specifications for purposes of TI's product
warranty.
(3)
Excludes soft start time
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPD1S414


Numéro de pièce similaire - TPD1S414YZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
TPD1S414 TI1-TPD1S414_14 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
More results

Description similaire - TPD1S414YZR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPD1S414 TI1-TPD1S414_14 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
logo
Maxim Integrated Produc...
MAX20342 MAXIM-MAX20342 Datasheet
1Mb / 91P
   USB Type-C Charger Detector with Integrated OVP
Rev 1; 11/20
logo
Diodes Incorporated
API9221 DIODES-API9221 Datasheet
295Kb / 17P
   Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
DS32204 Rev. 1 - 2
logo
Linear Technology
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4067 LINER-LTC4067 Datasheet
216Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
logo
Unisonic Technologies
USB4S012 UTC-USB4S012 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Texas Instruments
TPD4S012 TI1-TPD4S012_14 Datasheet
649Kb / 13P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Shenzhen Huazhimei Semi...
HM2514 HMSEMI-HM2514 Datasheet
521Kb / 6P
   USB Charger Emulator with Adjustable Power Switch
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com