Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA10AG Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce SA10AG
Description  500 Watt Peak Power MiniMOSORBZener
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA10AG Fiches technique(HTML) 4 Page - ON Semiconductor

  SA10AG Datasheet HTML 1Page - ON Semiconductor SA10AG Datasheet HTML 2Page - ON Semiconductor SA10AG Datasheet HTML 3Page - ON Semiconductor SA10AG Datasheet HTML 4Page - ON Semiconductor SA10AG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SA5.0A Series
http://onsemi.com
4
10,000
1000
100
10
0.1
1
10
100
1000
VBR, BREAKDOWN VOLTAGE (VOLTS)
MEASURED @
ZERO BIAS
Figure 3. Capacitance versus Breakdown Voltage
100
50
0
01
2
3
4
t, TIME (ms)
PULSE WIDTH (tp) IS
DEFINED AS THAT POINT
WHERE THE PEAK
CURRENT DECAYS TO
50% OF IPP.
PEAK VALUE − IPP
HALF VALUE −
IPP
2
Figure 4. Pulse Waveform
5
4
3
2
1
0
0 25 50 75 100 125 150 175 200
TL, LEAD TEMPERATURE (°C)
3/8″
3/8″
Figure 5. Steady State Power Derating
tr ≤ 10 ms
MEASURED @
(VRWM)
tP
UL RECOGNITION*
The entire series including the bidirectional CA suffix has
Underwriters Laboratory Recognition for the classification
of protectors (QVGQ2) under the UL standard for safety
497B and File #E210057. Many competitors only have one
or two devices recognized or have recognition in a
non-protective category. Some competitors have no
recognition at all. With the UL497B recognition, our parts
successfully passed several tests including Strike Voltage
Breakdown test, Endurance Conditioning, Temperature test,
Dielectric Voltage-Withstand test, Discharge test and
several more.
Whereas, some competitors have only passed a
flammability test for the package material, we have been
recognized for much more to be included in their protector
category.
*Applies to SA5.0A − SA170A.


Numéro de pièce similaire - SA10AG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
SA10AG ONSEMI-SA10AG Datasheet
58Kb / 6P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
May, 2006 ??Rev. 11
SA10AG ONSEMI-SA10AG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA10AG ONSEMI-SA10AG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA10AG ONSEMI-SA10AG Datasheet
100Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener
October, 2009 ??Rev. 13
More results

Description similaire - SA10AG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
SA15ARLG ONSEMI-SA15ARLG Datasheet
100Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener
October, 2009 ??Rev. 13
logo
Goodwork Semiconductor ...
SA GWSEMI-SA Datasheet
184Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA50 BYTES-SA50 Datasheet
313Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
SA5.0 UNIOHM-SA5.0 Datasheet
91Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
SA5.0CA ONSEMI-SA5.0CA Datasheet
186Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
logo
Littelfuse
NS6A5.0AFT3G LITTELFUSE-NS6A5.0AFT3G Datasheet
229Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
logo
ON Semiconductor
SA16ARLG ONSEMI-SA16ARLG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
122Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA50A ONSEMI-SA50A Datasheet
58Kb / 6P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
May, 2006 ??Rev. 11
SA5.0A ONSEMI-SA5.0A Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com