Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV756DW Fiches technique(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

No de pièce BAV756DW
Description  SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Site Internet  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BAV756DW Fiches technique(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BAV756DW Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BAV756DW Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
BAV756DW
SWITCHING DIODE
FEATURES
Power dissipation
PD :
200
mW
(Tamb=25
℃)
Collector current
IF:
150
mA
Collector-base voltage
VR:
75
V
Operating and storage junction temperature range
TJ,Tstg: -55
℃ to +150℃
MARKING:KCA
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR) R
IR= 2.5µA
75
V
Reverse voltage leakage current
IR
VR=75V
VR=20V
2.5
0.025
µA
Forward voltage
VF
IF=1mA
IF=10mA
IF=50mA
IF=150mA
715
855
1000
1250
mV
Junction capacitance
Cj
VR=0V
f=1MHz
2
pF
Reveres recovery time
trr
IF=IR=10mA
Irr=0.1ХIR
RL=100Ω
4
nS
SOT-363
BAV756DW
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Numéro de pièce similaire - BAV756DW

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAV756DW DIODES-BAV756DW Datasheet
53Kb / 2P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30148 Rev. B-1
logo
DONGGUAN YOU FENG WEI E...
BAV756DW YFWDIODE-BAV756DW Datasheet
378Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Weitron Technology
BAV756DW WEITRON-BAV756DW Datasheet
277Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
logo
Diodes Incorporated
BAV756DW DIODES-BAV756DW Datasheet
353Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30148 Rev. 7 - 2
logo
Guangdong Kexin Industr...
BAV756DW KEXIN-BAV756DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
More results

Description similaire - BAV756DW

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com