Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM385AAAR01 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce DM385AAAR01
Description  DM385 and DM388 DaVinci??Digital Media Processor
Download  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DM385AAAR01 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button DM385AAAR01 Datasheet HTML 7Page - Texas Instruments DM385AAAR01 Datasheet HTML 8Page - Texas Instruments DM385AAAR01 Datasheet HTML 9Page - Texas Instruments DM385AAAR01 Datasheet HTML 10Page - Texas Instruments DM385AAAR01 Datasheet HTML 11Page - Texas Instruments DM385AAAR01 Datasheet HTML 12Page - Texas Instruments DM385AAAR01 Datasheet HTML 13Page - Texas Instruments DM385AAAR01 Datasheet HTML 14Page - Texas Instruments DM385AAAR01 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 280 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
CP15 System Control Coprocessor
NEON 64-/128-bit Hybrid SIMD Engine for Multimedia
Enhanced VFPv3 Floating-Point Coprocessor
Enhanced Memory Management Unit (MMU)
Separate Level-1 Instruction and Data Caches
Integrated Level-2 Cache with ECC Support
128-bit Interconnect with Level 3 Fast (L3) System Memories and Peripherals
Embedded Trace Module (ETM).
2.4.2
Embedded Trace Module (ETM)
To support real-time trace, the ARM Cortex-A8 processor provides an interface to enable connection of an
embedded trace module (ETM). The ETM consists of two parts:
The Trace port which provides real-time trace capability for the ARM Cortex-A8.
Triggering facilities that provide trigger resources, which include address and data comparators,
counter, and sequencers.
The ARM Cortex-A8 trace port is not pinned out and is, instead, only connected to the system-level
Embedded Trace Buffer (ETB). The ETB has a 32KB buffer memory. ETB enabled debug tools are
required to read/interpret the captured trace data.
2.4.3
ARM Cortex-A8 Interrupt Controller (AINTC)
The ARM Cortex-A8 subsystem contains an interrupt controller (AINTC) that prioritizes all service requests
from the system peripherals and generates either IRQ or FIQ to the ARM Cortex-A8 processor.
2.4.4
ARM Cortex-A8 PLL (PLL_ARM)
The ARM Cortex-A8 subsystem contains an embedded PLL Controller (PLL_ARM) for generating the
subsystem’s clocks from the device Clock input.
2.4.5
ARM Processor Interconnect
The ARM Cortex-A8 processor is connected through the arbiter to the L3 interconnect port. The L3
interconnect port is 128-bits wide and provides access to the other device modules.
Copyright © 2013, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback
Product Folder Links: DM385 DM388


Numéro de pièce similaire - DM385AAAR01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DM385AAAR01 TI1-DM385AAAR01 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
DM385AAAR01F TI1-DM385AAAR01F Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
More results

Description similaire - DM385AAAR01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DM385 TI-DM385_15 Datasheet
1Mb / 281P
[Old version datasheet]   DM385 and DM388 DaVinci??Digital Media Processor
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com