Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14094BCPG Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC14094BCPG
Description  8-Stage Shift/Store Register with Three-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14094BCPG Fiches technique(HTML) 5 Page - ON Semiconductor

  MC14094BCPG Datasheet HTML 1Page - ON Semiconductor MC14094BCPG Datasheet HTML 2Page - ON Semiconductor MC14094BCPG Datasheet HTML 3Page - ON Semiconductor MC14094BCPG Datasheet HTML 4Page - ON Semiconductor MC14094BCPG Datasheet HTML 5Page - ON Semiconductor MC14094BCPG Datasheet HTML 6Page - ON Semiconductor MC14094BCPG Datasheet HTML 7Page - ON Semiconductor MC14094BCPG Datasheet HTML 8Page - ON Semiconductor MC14094BCPG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC14094B
http://onsemi.com
5
3−STATE TEST CIRCUIT
FOR tPHZ AND tPZH
VSS
FOR tPLZ AND tPZL
VDD
R1
OUTPUT
50 pF
O.E.
CLOCK
ST
DATA
Figure 1.
R1 = 1 k = tPHL, tPLH
R1 = 10 k = tPHZ, tPZH, tPLZ, tPZL
REGISTER STAGE 1
BLOCK DIAGRAM
LATCH 1
3-STATE BUFFER 1
15
2
SERIAL
DATA IN
OUTPUT
ENABLE
CLOCK
CLOCK
STROBE
CLOCK
CLOCK
CLOCK
CLOCK
STROBE STROBE
STROBE
VDD
4
5
6
7
14
13
12
11
10
9
Q1
Q2
Q
S
Q3
Q4
Q5
Q6
Q7
Q8
QS
2
3
4
5
6
7
8
REGISTER STAGE 2
REGISTER STAGE 3
REGISTER STAGE 4
REGISTER STAGE 5
REGISTER STAGE 6
REGISTER STAGE 7
REGISTER STAGE 8
LATCH 2
LATCH 3
LATCH 4
LATCH 5
LATCH 6
LATCH 7
LATCH 8
3-STATE BUFFER2
3-STATE BUFFER3
3-STATE BUFFER4
3-STATE BUFFER5
3-STATE BUFFER6
3-STATE BUFFER7
3-STATE BUFFER8
CLOCK
CLOCK
STROBE STROBE
CLOCK
CLOCK
CLOCK
CLOCK
CLOCK
CLOCK
STROBE
STROBE
CLOCK
STROBE
3
1
*Input Protection Diodes
*
*
*
*


Numéro de pièce similaire - MC14094BCPG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14094BCPG ONSEMI-MC14094BCPG Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
More results

Description similaire - MC14094BCPG

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B Datasheet
232Kb / 8P
   8-Stage Shift/Store Register with Three-State Outputs
March, 2000 ??Rev. 3
MC14094B ONSEMI-MC14094B_14 Datasheet
136Kb / 9P
   8-Stage Shift/Store Register with Three-State Outputs
August, 2014 ??Rev. 10
logo
STMicroelectronics
HCF4094B STMICROELECTRONICS-HCF4094B_04 Datasheet
237Kb / 13P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
HCF4094B STMICROELECTRONICS-HCF4094B Datasheet
306Kb / 12P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
October 2002
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B_05 Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
logo
Unisonic Technologies
U74HC4094 UTC-U74HC4094 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
U74HC4094 UTC-U74HC4094_15 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com