Moteur de recherche de fiches techniques de composants électroniques |
|
4-141-6 Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers |
|
4-141-6 Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 64 page *xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63. 8 edding 500 Permanent marker with chisel tip, permanent, low-odour ink. Colours: 001–010, refillable. Order no. Box of 10 in each colour. 4-500xxx* Colours: 001–010 assorted. Order no. Box of 10. 4-500999 500 N Spare tips. Order no. Box of 10. 4-500N edding 404 Permanent marker with bullet tip, permanent, low-odour ink. Colours: 001–004, refillable. Order no. Box of 10 in each colour. 4-404xxx* Colour 001 is document-proof. 404 N Spare tips. Order no. Box of 10. 4-404N ~0.75 mm 004 003 002 001 ~2–7 mm 009 008 007 010 006 005 004 003 002 001 ~4–12 mm 007 006 005 004 003 002 001 edding 550 Permanent marker with bullet tip, permanent, low-odour ink. Colours: 001–004, refillable. Order no. Box of 10 in each colour. 4-550xxx* 550 N Spare tips. Order no. Box of 10. 4-550N ~3–4 mm 004 003 002 001 edding 400 Permanent marker with bullet tip, permanent, low-odour ink. Colours: 001–010, refillable. Order no. Box of 10 in each colour. 4-400xxx* Colours: 001–010 assorted. Order no. Box of 10. 4-400999 400/4 S Wallet of 4 markers. Order no. Colours: 001–004. 4-400-4 400/10 S Box with 10 markers. Order no. Colours: 001–010. 4-400-10 400 N Spare tips. Order no. Box of 10. 4-400N ~1 mm 009 008 007 010 006 005 004 003 002 001 edding 800 Permanent marker with chisel tip, permanent, low-odour ink. Colours: 001–007, refillable. Order no. Box of 5 in each colour. 4-800xxx* Colours: 001–005 assorted. Order no. Box of 5. 4-800999 800 N-A Spare tips. Order no. Box of 10. 4-800N |
Numéro de pièce similaire - 4-141-6 |
|
Description similaire - 4-141-6 |