Moteur de recherche de fiches techniques de composants électroniques |
|
4-141-4 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers |
|
4-141-4 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers |
10 / 64 page *xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63. 10 edding 300 Permanent marker with bullet tip, permanent, low-odour ink. Colours: 001–010, refillable. Order no. Box of 10 in each colour. 4-300xxx* 300/4 S Wallet of 4 markers. Order no. Colours: 001–004. 4-300-4 009 008 007 010 006 005 004 003 002 001 ~1.5–3 mm edding 330 Permanent marker with chisel tip, permanent, low-odour ink. Colours: 001–010, refillable. Order no. Box of 10 in each colour. 4-330xxx* 330/4 S Wallet of 4 markers. Order no. Colours: 001–004. 4-330-4 009 008 007 010 006 005 004 003 002 001 ~1–5 mm edding 353 Permanent marker with chisel tip, permanent, low-odour ink. Colours: 001–004, refillable. Order no. Box of 10 in each colour. 4-353xxx* ~2–7 mm 004 003 002 001 edding 370 Permanent marker with bullet tip, permanent, low-odour ink. Colours: 001–004, refillable. Order no. Box of 10 in each colour. 4-370xxx* ~1 mm 004 003 002 001 edding 390 Permanent marker with chisel tip, permanent, low-odour ink. Colours: 001–004, refillable. Order no. Box of 10 in each colour. 4-390xxx* ~4–12 mm 004 003 002 001 |
Numéro de pièce similaire - 4-141-4 |
|
Description similaire - 4-141-4 |