Moteur de recherche de fiches techniques de composants électroniques |
|
ULN2824LW Fiches technique(PDF) 7 Page - Allegro MicroSystems |
|
ULN2824LW Fiches technique(HTML) 7 Page - Allegro MicroSystems |
7 / 10 page 2803 THRU 2824 HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS www.allegromicro.com INPUT CURRENT AS A FUNCTION OF INPUT VOLTAGE ULx28x3x 3.0 Dwg. GP-069 5.0 6.0 INPUT VOLTAGE 2.0 2.5 2.0 1.0 0 MAXIMUM 0.5 1.5 4.0 AREA OF NORMAL OPERATION WITH STANDARD OR SCHOTTKY TTL TYPICAL 0.5 Dwg. GP-067 1.0 2.0 1.5 COLLECTOR-EMITTER SATURATION VOLTAGE 0 600 400 200 0 COLLECTOR CURRENT AS A FUNCTION OF INPUT CURRENT 200 Dwg. GP-068 400 600 INPUT CURRENT IN µA 0 600 400 200 0 M AX . R EQ 'D IN PU T C UR RE NT ULx28x4x 6 Dwg. GP-069-1 10 12 INPUT VOLTAGE 5 2.0 1.0 0 MAXIMUM 0.5 1.5 8 TYPICAL 79 11 SATURATION VOLTAGE AS A FUNCTION OF COLLECTOR CURRENT x = Characters to identify specific device. Characteristic shown applies to family of devices with remaining digits as shown. |
Numéro de pièce similaire - ULN2824LW |
|
Description similaire - ULN2824LW |