Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2917 Fiches technique(PDF) 3 Page - Allegro MicroSystems

No de pièce 2917
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2917 Fiches technique(HTML) 3 Page - Allegro MicroSystems

  2917 Datasheet HTML 1Page - Allegro MicroSystems 2917 Datasheet HTML 2Page - Allegro MicroSystems 2917 Datasheet HTML 3Page - Allegro MicroSystems 2917 Datasheet HTML 4Page - Allegro MicroSystems 2917 Datasheet HTML 5Page - Allegro MicroSystems 2917 Datasheet HTML 6Page - Allegro MicroSystems 2917 Datasheet HTML 7Page - Allegro MicroSystems 2917 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2917
DUAL FULL-BRIDGE
PWM MOTOR DRIVER
www.allegromicro.com
Limits
(at trip point)
ELECTRICAL CHARACTERISTICS at T
A
= +25
°C, V
BB
= 45 V, V
CC
= 5.0 V, V
REF
= 5.0 V (unless
otherwise noted).
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Drivers (OUT
A
or OUT
B
)
Motor Supply Range
V
BB
10
45
V
Output Leakage Current
I
CEX
V
OUT
= V
BB
<1.0
50
µA
V
OUT
= 0
<-1.0
-50
µA
Output Sustaining Voltage
V
CE(sus)
I
OUT
=
±1.5 A, L = 3.5 mH
45
——
V
Output Saturation Voltage
V
CE(SAT)
Sink Driver, I
OUT
= +1.0 A*
0.5
0.7
V
Sink Driver, I
OUT
= +1.5 A*
0.8
1.0
V
Source Driver, I
OUT
= -1.0 A*
1.8
1.9
V
Source Driver, I
OUT
= -1.5 A*
1.9
2.1
V
Clamp Diode Leakage Current
I
R
V
R
= 45 V
<1.0
50
µA
Clamp Diode Forward Voltage
V
F
I
F
= 1.5 A
1.6
2.0
V
Driver Supply Current
I
BB(ON)
Both Bridges On, No Load
9.0
12
mA
I
BB(OFF)
Both Bridges Off
4.0
6.0
mA
Control Logic
Input Voltage
V
IN(1)
All Inputs
2.4
——
V
V
IN(0)
All Inputs
——
0.8
V
Input Current
I
IN(1)
V
IN
= 2.4 V
<1.0
20
µA
I
IN(0)
V
IN
= 0.8 V
-3.0
-200
µA
Reference Voltage Range
V
REF
Operating
1.5
7.5
V
Current Limit Threshold
V
REF
/V
SENSE
I
0
= I
1
= 0.8 V
9.5
10
10.5
I
0
= 2.4 V, I
1
= 0.8 V
13.5
15
16.5
I
0
= 0.8 V, I
1
= 2.4 V
25.5
30
34.5
Thermal Shutdown Temp.
T
J
170
°C
Total Logic Supply Current
I
CC(ON)
I
0
= I
1
= V
EN
= 0.8 V, No Load
90
105
mA
I
CC(OFF)
I
0
= I
1 = 2.4 V, No Load
10
12
mA
Negative current is defined as coming out of (sourcing) the specified device pin.
Typical Data is for design information only.
* Pulse test (<10 ms).


Numéro de pièce similaire - 2917

FabricantNo de pièceFiches techniqueDescription
logo
KR Electronics, Inc.
2917 KR-2917 Datasheet
59Kb / 3P
   800 MHz Center Frequency
logo
Heyco.
2917 HEYCO-2917 Datasheet
128Kb / 1P
   Open/Closed Bushings
logo
PHOENIX CONTACT
2917036 PHOENIX-2917036 Datasheet
414Kb / 2P
   Adapter - RAD-ADP-N/M-SMA/F
2917189 PHOENIX-2917189 Datasheet
55Kb / 3P
   Control cabinet - RAD-SYS-NEMA4X-SMS
2917324 PHOENIX-2917324 Datasheet
45Kb / 2P
   Adapter - RAD-ADP-SMA/F-SMA/M-90
More results

Description similaire - 2917

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com