Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TZY2R200A001A00 Fiches technique(PDF) 7 Page - Murata Manufacturing Co., Ltd.

No de pièce TZY2R200A001A00
Description  Ceramic Trimmer Capacitors
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2R200A001A00 Fiches technique(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button TZY2R200A001A00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TZY2R200A001A00 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
T13E7.pdf 02.3.26
6
1
Continued from the preceding page.
s Screwdriver
Screwdriver for Manual Adjustment
Murata Part No. : KMDR160
Please use the following recommended screwdriver.
You can order this driver with below part number.
Though you can also adjust the capacitance value by
commercial products, please use one which has the same
head size as the below driver.
1.5
80
Bit shape :
Minus(0.3
×0.13)
(in mm)
s Notice (Storage and operating condition)
1. Do not use the trimmer capacitor under atmosphere
of RTV silicone rubber (Room Temperature
Vulcanizing Silicone Rubber) except Acetone
liberating silicone sealant.
2. Before using trimmer capacitor, please store under
the condition of -10 to +40 C. and 30 to 85%RH.
3. Do not store in or near corrosive gasses.
4. Use within 6 months of deliverly.
5. Open the package just before using.
6. Prior to storing previously opened packages, the
packaging should be heat-sealed. Avoid using
rubber bands for repackage.
7. Do not store under direct sunlight.
8. Do not use the trimmer capacitor under the
conditions listed below.
(1) Corrosive gasses atmosphere
(Ex. Chlorine gas, Hydrogen sulfide gas,
Ammonia gas, Sulfuric acid gas, Nitric oxie gas,
etc.)
(2) In liquid (Ex. water, oil, medical liquid,
organic solvent, etc.)
(3) Dusty / dirty atmosphere
(4) Direct sunlight
(5) Static voltage nor electric/magnetic fields
(6) Direct sea breeze
(7) Other variations of the above
s Notice (Soldering)
1. Soldering
(1) TZR1 series can be soldered by reflow soldering
method and soldering iron. Do not use flow
soldering method (dipping).
(2) Standard soldering condition
(a) Reflow soldering : Refer to the standard
temperature profile.
(b) Soldering iron:
> Temperature of tip
260+-10 C.
> Soldering time
3 sec. max.
> Diameter
0.5mm max.
> Wattage of iron
20W max.
Before using other soldering conditions than those
listed above, please consult with Murata factory
representative prior to using. If the soldering
conditions are not suitable, e.g., excessive time
and/or excessive temperature, the trimmer capacitor
may deviate from the specified characteristics.
(3) The amount of solder is critical.
(4) The thickness of solder paste should be printed
from 100micro m to 150micro m and the dimension
of land pattern should be used Murata's
standard land pattern at reflow soldering.
Insufficient amounts of solder can lead to
insufficient soldering strength on PCB.
Excessive amounts of solder may cause the
bridging between the terminals or the contact
failure due to flux wicking up.
(5) When using soldering iron, the diameter of the
string solder shall be less than 0.5mm. The
string solder shall be applied to the lower
part of the terminal only and do not apply flux
except the terminals. Excessive amounts of
solder and/or applying solder to the upper part
of the terminal may cause fixed metal rotor or
the contact failure due to flux invasion into
the movable part and/or the contact point. The
soldering iron should not come in contact with
the monolithic stator of the trimmer capacitor.
If such contact does occur, the trimmer
capacitor may be damaged.
(6) Our recommendable chlorine content of solder is
as follows.
(a) Solder paste: 0.2wt% max.
(b) String solder: 0.5wt% max.
(7) Do not use water-soluble flux (for water
Continued on the following page.


Numéro de pièce similaire - TZY2R200A001A00

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
TZY2R200A001 MURATA-TZY2R200A001 Datasheet
1Mb / 44P
   Selection Guide of Ceramic Trimmer Capacitors
Aug.10,2012
TZY2R200A001 MURATA-TZY2R200A001 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200A001B00 MURATA-TZY2R200A001B00 Datasheet
198Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2R200A001B00 MURATA1-TZY2R200A001B00 Datasheet
271Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
TZY2R200A001B00 MURATA1-TZY2R200A001B00_V01 Datasheet
271Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
More results

Description similaire - TZY2R200A001A00

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com