Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1868M-TLM-H Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce LB1868M-TLM-H
Description  Fan Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1868M-TLM-H Fiches technique(HTML) 3 Page - ON Semiconductor

  LB1868M-TLM-H Datasheet HTML 1Page - ON Semiconductor LB1868M-TLM-H Datasheet HTML 2Page - ON Semiconductor LB1868M-TLM-H Datasheet HTML 3Page - ON Semiconductor LB1868M-TLM-H Datasheet HTML 4Page - ON Semiconductor LB1868M-TLM-H Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LB1868M
No.6203-3/5
Pin Assignment
1
IN−
2
IN+
3
CT
4
ST
5
OUT1 6
7
GND
14
13
12
11
10
9
VIN
RD
Z2
Z1
OUT2
8 NC
Top view
BC
FG
Pin Function
Pin No.
Pin name
Function
1
IN−
Hall input + pin. Hysteresis amplifier
2
IN+
Hall input
− pin. Hysteresis amplifier
3
CT
Lockup protection time setting capacitor pin (0.47 to 4.7
μF).
4
ST
Start/stop pin.
5
BC
Output transistor common base pin.
6
OUT1
Output 1 pin.
9
OUT2
Output 2 pin.
7
GND
GND pin.
10
Z1
External Zener diode pin (external Zener diode to be connected between power supply and Z1).
11
Z2
Kickback absorption voltage alteration pin (shorted to Z1: 12V operation).
12
FG
Rotation frequency detector pin.
13
RD
Lockup detection pin (latch type).
14
VIN
Regulated power supply input pin (limiting resistor to be inserted between power supply and VIN).
Truth Table
ST
IN+
IN−
CT
OUT1
OUT2
RD
FG
H
L
L
H
H
L
L
H
L
H
L
H
H
L
H
H
L
L
H
L
L
L
L
H
L
L
H
L
H
H
L
H
H
H
H
L
L
or
OPEN
L
H
H
H
H
H
H
* RD is a latch type output


Numéro de pièce similaire - LB1868M-TLM-H

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB1868M-TLM-H ONSEMI-LB1868M-TLM-H Datasheet
226Kb / 9P
   2?릔hase Brushless Fan Motor Driver
March, 2018 ??Rev. 1
More results

Description similaire - LB1868M-TLM-H

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
   Fan Motor Driver
logo
ON Semiconductor
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
   Fan Motor Driver
May, 2013
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
LB11988HR ONSEMI-LB11988HR Datasheet
91Kb / 6P
   Fan Motor Driver
May, 2013
SS30 ONSEMI-SS30 Datasheet
159Kb / 7P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988D SANYO-LB11988D Datasheet
75Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
LA6581DM ONSEMI-LA6581DM Datasheet
211Kb / 5P
   Fan Motor Driver
January, 2014
LV8804FV ONSEMI-LV8804FV Datasheet
239Kb / 10P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988V SANYO-LB11988V Datasheet
113Kb / 7P
   Fan Motor Driver
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com