Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC34937 Fiches technique(PDF) 4 Page - Freescale Semiconductor, Inc

No de pièce MC34937
Description  Three Phase Field Effect Transistor Pre-driver
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34937 Fiches technique(HTML) 4 Page - Freescale Semiconductor, Inc

  MC34937 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34937 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34937 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34937 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34937 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34937 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34937 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34937 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34937 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34937A
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 34937A Pin Connections
A functional description of each pin can be found in the Functional Pin Description section beginning on page 21.
Table 2. 34937A Pin Definitions
Pin
Pin Name
Pin Function
Formal Name
Definition
1
PHASEA
Digital Output
Phase A
Totem Pole output of Phase A comparator. This output is low when the
voltage on PA_HS_S (Source of High Side FET) is less than 50% of VSUP
2
PGND
Ground
Power Ground
Power ground for charge pump
3
EN1
Digital Input
Enable 1
Logic signal input must be high (ANDed with EN2) to enable any gate drive
output.
4
EN2
Digital Input
Enable 2
Logic signal input must be high (ANDed with EN1) to enable any gate drive
output
5
RST
Digital Input
Reset
Reset input
6, 33, 49,
50, 52, 53
N/C
No Connect
Do not connect these pins
7
PUMP
Power Drive
Out
Pump
Charge pump output
8
VPUMP
Power Input
Voltage Pump
Charge pump supply
9
VSUP
Analog Input
Supply Voltage
Supply voltage to the load. This pin is to be connected to the common
Drains of the external High Side FETs
10
PHASEB
Digital Output
Phase B
Totem Pole output of Phase B comparator. This output is low when the
voltage on PB_HS_S (Source of High Side FET) is less than 50% of VSUP
54
40
.35
34
33
32
31
30
29
28
39
38
37
36
47
46
45
44
43
42
41
51
50
49
48
53
52
1
15
20
21
22
23
24
25
26
27
16
17
18
19
8
9
10
11
12
13
14
4
5
6
7
2
3
PHASEA
PGND
EN1
EN2
RST
N/C
PUMP
VPUMP
VSUP
PHASEB
PHASEC
PA_HS
PA_LS
VDD
PB_HS
PB_LS
INT
CS
SI
SCLK
SO
PC_LS
PC_HS
AMP_OUT
AMP_N
AMP_P
OC_OUT
VPWR
N/C
N/C
VLS
N/C
N/C
PA_BOOT
PA_HS_G
PA_HS_S
PA_LS_G
PA_LS_S
PB_BOOT
PB_HS_G
PB_HS_S
PB_LS_G
PB_LS_S
PC_BOOT
PC_HS_G
PC_HS_S
PC_LS_G
PC_LS_S
N/C
VLS_CAP
GND1
GND0
VSS
OC_TH
Transparent
Top View


Numéro de pièce similaire - MC34937

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC34931 FREESCALE-MC34931 Datasheet
722Kb / 25P
   34931 Industrial
MC34931EK FREESCALE-MC34931EK Datasheet
722Kb / 25P
   34931 Industrial
logo
NXP Semiconductors
MC34931EK NXP-MC34931EK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC34931SEK NXP-MC34931SEK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
logo
Freescale Semiconductor...
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
More results

Description similaire - MC34937

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
33937 FREESCALE-33937_09 Datasheet
739Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC34GD3000 NXP-MC34GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 3.0, 5/2016
logo
Freescale Semiconductor...
MC33937 FREESCALE-MC33937 Datasheet
679Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
33937 FREESCALE-33937 Datasheet
656Kb / 47P
   Three Phase Field Effect Transistor Pre-driver
MCZ33927EK FREESCALE-MCZ33927EK Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
logo
NXP Semiconductors
MC33GD3000 NXP-MC33GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 6.0, 8/2018
MC33937 NXP-MC33937 Datasheet
787Kb / 55P
   Three phase field effect transistor
Rev. 13.0-27 October 2020
logo
International Rectifier
AUIRS20302S IRF-AUIRS20302S_15 Datasheet
792Kb / 28P
   Pre-regulated Three Phase Gate Driver
logo
Rohm
BA6680FS ROHM-BA6680FS Datasheet
280Kb / 3P
   Three-phase motor pre-driver for LBP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com