Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC34932 Fiches technique(PDF) 7 Page - Freescale Semiconductor, Inc

No de pièce MC34932
Description  Dual 5.0 A H-Bridge
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34932 Fiches technique(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC34932 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34932
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUTS OUT1, OUT2
Output-ON Resistance(14), ILOAD = 3.0 A
VPWR = 8.0 V, TJ = 25 °C
VPWR = 8.0 V, TJ = 150 °C
VPWR = 5.0 V, TJ = 150 °C
RDS(ON)
120
235
325
m
Ω
Output Current Regulation Threshold
TJ < TFB
TJ ≥ TFB (Fold back Region - see Figure 9 and Figure 11)(13)
ILIM
5.2
6.5
4.2
8.0
A
High Side Short-circuit Detection Threshold (Short-circuit to Ground)(13)
ISCH
11
13
16
A
Low Side Short-circuit Detection Threshold (Short-circuit to VPWR)(13)
ISCL
9.0
11
14
A
Output Leakage Current(15), Outputs off, VPWR = 28 V
VOUT = VPWR
VOUT = Ground
IOUTLEAK
-60
100
μA
Output MOSFET Body Diode Forward Voltage Drop, IOUT = 3.0 A
VF
2.0
V
Overtemperature Shutdown(13)
Thermal Limit at TJ
Hysteresis at TJ
TLIM
THYS
175
12
200
°C
Current Foldback at TJ
(13)
TFB
165
185
°C
Current Foldback to Thermal Shutdown Separation(13)
TSEP
10
15
°C
HIGH SIDE CURRENT SENSE FEEDBACK
Feedback Current (pin FB sourcing current)(16)
IOUT = 0.0 mA
IOUT = 300 mA
IOUT = 500 mA
IOUT = 1.5 A
IOUT = 3.0 A
IOUT = 6.0 A
IFB
0.0
0.0
0.35
2.86
5.71
11.43
270
0.775
3.57
7.14
14.29
50
750
1.56
4.28
8.57
17.15
μA
μA
mA
mA
mA
mA
STATUS FLAG(17)
Status Flag Leakage Current(18)
VSF = 5.0 V
ISFLEAK
5.0
μA
Status Flag SET Voltage(19)
ISF = 300 µA
VSFLOW
0.4
V
Notes
13.
This parameter is Guaranteed By Design.
14.
Output-ON resistance as measured from output to
VPWR and from output to GND.
15.
Outputs switched OFF via D1 or EN/D2.
16.
Accuracy is better than 20% from 0.5 A to 6.0 A. Recommended terminating resistor value: RFB = 270 Ω.
17.
Status Flag output is an open drain output requiring a pull-up resistor to logic VDD.
18.
Status Flag Leakage Current is measured with Status Flag HIGH and not SET.
19.
Status Flag Set Voltage measured with Status Flag LOW and SET with ISF = 300 μA. Maximum allowable sink current from this pin is
< 500
μA. Maximum allowable pull-up voltage < 7.0 V.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.0 V
≤ VPWR ≤ 28 V, -40 °C ≤ TA ≤ 85 °C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Specifications given for H-Bridge A apply symmetrically to H-Bridge B.
Characteristic
Symbol
Min
Typ
Max
Unit


Numéro de pièce similaire - MC34932

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC34932EK NXP-MC34932EK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC34932SEK NXP-MC34932SEK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
More results

Description similaire - MC34932

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com