Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC34932 Fiches technique(PDF) 6 Page - Freescale Semiconductor, Inc

No de pièce MC34932
Description  Dual 5.0 A H-Bridge
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34932 Fiches technique(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC34932 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34932 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34932
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 5.0 V
≤ VPWR ≤ 28 V, -40 °C ≤ TA ≤ 85 °C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Specifications given for H-Bridge A apply symmetrically to H-Bridge B.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUTS (VPWR)
Operating Voltage Range(10)
Steady-state
Transient (t < 500 ms)(11)
VPWR(SS)
VPWR(t)
5.0
28
40
V
Sleep State Supply Current(12)
EN/D2 = Logic [0], IN1, IN2, D1 = Logic [1], and IOUT = 0 A
IPWR(SLEEP)
12
18
μA
Standby Supply Current (Part Enabled)
IOUT = 0 A, VEN = 5.0 V
IPWR(STANDBY)
20
mA
Undervoltage Lockout Thresholds
VPWR(FALLING)
VPWR(RISING)
Hysteresis
VUVLO(ACTIVE)
VUVLO(INACTIVE)
VUVLO(HYS)
4.15
150
200
5.0
350
V
V
mV
CHARGE PUMP
Charge Pump Voltage (CP Capacitor = 33 nF), No PWM
VPWR = 5.0 V
VPWR = 28 V
VCP - VPWR
3.5
12
V
Charge Pump Voltage (CP Capacitor = 33 nF), PWM = 11 kHz
VPWR = 5.0 V
VPWR = 28 V
VCP - VPWR
3.5
12
V
CONTROL INPUTS
Operating Input Voltage (IN1, IN2, D1, EN/D2, IN3, IN4, D3, EN/D4)
VI
5.5
V
Input Voltage (IN1, IN2, D1, EN/D2, IN3, IN4, D3, EN/D4)
Logic Threshold HIGH
Logic Threshold LOW
Hysteresis
VIH
VIL
VHYS
2.0
250
400
1.0
V
V
mV
Logic Input Currents, VPWR = 8.0 V
Input EN/D2, EN/D4 (internal pull-downs), VIH = 5.0 V
Inputs IN1, IN2, D1, IN3, IN4, D3 (internal pull-ups), VIL = 0 V
IIN
20
-200
80
-80
200
-20
μA
Notes
10.
Device specifications are characterized over the range of 8.0 V
≤ VPWR ≤ 28 V. Continuous operation above 28 V may degrade device
reliability. Device is operational down to 5.0V, but below 8.0 V the output resistance may increase by 50 percent.
11.
Device survives the transient overvoltage indicated for a maximum duration of 500 ms. Transient not to be repeated more than once
every 10 seconds.
12.
IPWR(SLEEP) is with Sleep Mode activated and EN/ D2, = logic [0], and IN1, IN2, D1 = logic [1] or with these inputs left floating. Typical
value characterized under the following conditions: TA = 85 °C and VPWR = 28 V.


Numéro de pièce similaire - MC34932

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC34932EK NXP-MC34932EK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC34932SEK NXP-MC34932SEK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
More results

Description similaire - MC34932

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com