Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SD1048-7-TB-E Datasheet(Fiches technique) 1 Page - ON Semiconductor

Numéro de pièce 2SD1048-7-TB-E
Description  Bipolar Transistor
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1048-7-TB-E Datasheet(HTML) 1 Page - ON Semiconductor

  2SD1048-7-TB-E Datasheet HTML 1Page - ON Semiconductor 2SD1048-7-TB-E Datenblatt HTML 2Page - ON Semiconductor 2SD1048-7-TB-E Datenblatt HTML 3Page - ON Semiconductor 2SD1048-7-TB-E Datenblatt HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
N1313 TKIM/O1012 TKIM/41301 TSIM/91098 HA (KT)/8258MO/4017 KI/2173 KI, TS No.694-1/4
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
November, 2013
2SB815/2SD1048
Bipolar Transistor
(–)15V, (–)0.7A, Low VCE(sat), (PNP)NPN Single CP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Ultrasmall package allows miniaturization in end products
Large current capacity (IC=0.7A) and low-saturation voltage
Specifications ( ): 2SB815
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector to Base Voltage
VCBO
(--)20
V
Collector to Emitter Voltage
VCEO
(--)15
V
Emitter to Base Voltage
VEBO
(--)5
V
Collector Current
IC
(--)0.7
A
Collector Current (Pulse)
ICP
(--)1.5
A
Collector Dissipation
PC
200
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7013A-009
Ordering number : EN694H
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
1 : Base
2 : Emitter
3 : Collector
CP
12
3
2.9
0.95
0.4
0.1
TB
X–
R
A
N
K
B•
R
A
N
K
2SD1048
2SB815
2SB815-6-TB-E
2SB815-7-TB-E
2SD1048-6-TB-E
2SD1048-7-TB-E
3
2
1
2SD1048
3
2
1
2SB815


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn