Moteur de recherche de fiches techniques de composants électroniques |
|
CAT24WC64LI-1.8TE13B Fiches technique(PDF) 5 Page - Catalyst Semiconductor |
|
CAT24WC64LI-1.8TE13B Fiches technique(HTML) 5 Page - Catalyst Semiconductor |
5 / 10 page CAT24WC32/64 5 Doc. No. 1039, Rev. F I2C BUS PROTOCOL The features of the I2C bus protocol are defined as follows: (1) Data transfer may be initiated only when the bus is not busy. (2) During a data transfer, the data line must remain stable whenever the clock line is high. Any changes in the data line while the clock line is high will be interpreted as a START or STOP condition. START Condition The START Condition precedes all commands to the device, and is defined as a HIGH to LOW transition of SDA when SCL is HIGH. The CAT24WC32/64 monitors the SDA and SCL lines and will not respond until this condition is met. STOP Condition A LOW to HIGH transition of SDA when SCL is HIGH determines the STOP condition. All operations must end with a STOP condition. DEVICE ADDRESSING The bus Master begins a transmission by sending a START condition. The Master sends the address of the particular slave device it is requesting. The four most significant bits of the 8-bit slave address are fixed as 1010 (Fig. 5). The next three bits (A2, A1, A0) are the device address bits; up to eight 32K/64K devices may to be connected to the same bus. These bits must Figure 4. Acknowledge Timing 5027 FHD F07 Figure 5. Slave Address Bits 5020 FHD F06 ACKNOWLEDGE 1 START SCL FROM MASTER 89 DATA OUTPUT FROM TRANSMITTER DATA OUTPUT FROM RECEIVER 1 0 1 0 A2 A1 A0 R/W compare to the hardwired input pins, A2, A1 and A0. The last bit of the slave address specifies whether a Read or Write operation is to be performed. When this bit is set to 1, a Read operation is selected, and when set to 0, a Write operation is selected. After the Master sends a START condition and the slave address byte, the CAT24WC32/64 monitors the bus and responds with an acknowledge (on the SDA line) when its address matches the transmitted slave address. The CAT24WC32/64 then performs a Read or Write opera- tion depending on the state of the R/W bit. Acknowledge After a successful data transfer, each receiving device is required to generate an acknowledge. The Acknowledg- ing device pulls down the SDA line during the ninth clock cycle, signaling that it received the 8 bits of data. The CAT24WC32/64 responds with an acknowledge after receiving a START condition and its slave address. If the device has been selected along with a write operation, it responds with an acknowledge after receiv- ing each 8-bit byte. When the CAT24WC32/64 begins a READ mode it transmits 8 bits of data, releases the SDA line, and monitors the line for an acknowledge. Once it receives this acknowledge, the CAT24WC32/64 will continue to transmit data. If no acknowledge is sent by the Master, the device terminates data transmission and waits for a STOP condition. The master must then issue a stop condition to return the CAT24WC32/64 to the standby power mode and place the device in a known state. |
Numéro de pièce similaire - CAT24WC64LI-1.8TE13B |
|
Description similaire - CAT24WC64LI-1.8TE13B |