Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4920 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce 2N4920
Description  Medium-Power Plastic PNP Silicon Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4920 Fiches technique(HTML) 5 Page - ON Semiconductor

  2N4920 Datasheet HTML 1Page - ON Semiconductor 2N4920 Datasheet HTML 2Page - ON Semiconductor 2N4920 Datasheet HTML 3Page - ON Semiconductor 2N4920 Datasheet HTML 4Page - ON Semiconductor 2N4920 Datasheet HTML 5Page - ON Semiconductor 2N4920 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N4918 − 2N4920* Series
http://onsemi.com
5
TYPICAL DC CHARACTERISTICS
−0.2
1000
2.0
Figure 8. Current Gain
IC, COLLECTOR CURRENT (mA)
10
3.0 5.0
10
20 30
200 300 500
2000
500
200
100
70
Figure 9. Collector Saturation Region
1.0
0.2
IB, BASE CURRENT (mA)
0
0.3 0.5
1.0
2.0
5.0
10
20
50
200
0.8
0.6
0.4
0.2
IC = 0.1 A
TJ = 25°C
0.25 A
0.5 A
1.0 A
700
300
TJ = 150°C
25°C
−55 °C
VCE = 1.0 V
50
30
20
50
100
1000
3.0
30
100
108
0
Figure 10. Effects of Base−Emitter Resistance
TJ, JUNCTION TEMPERATURE (°C)
30
60
90
120
150
107
105
104
103
VCE = 30 V
IC = 10 ICES
IC = 2x ICES
IC ≈ ICES
ICES VALUES
OBTAINED FROM
FIGURE 13
106
1.5
2.0
IC, COLLECTOR CURRENT (mA)
5.0
10
20 30 50
100 200 300
2000
1.2
0.9
0.6
0.3
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 11. “On” Voltage
3.0
500 1000
VBE @ VCE = 2.0 V
102
Figure 12. Collector Cut−Off Region
VBE, BASE−EMITTER VOLTAGE (VOLTS)
101
100
10−1
10− 2
103
−0.1
0
+0.1
+0.2
+0.3
+0.4
+0.5
VCE = 30 V
TJ = 150°C
100°C
25°C
FORWARD
IC = ICES
104
+2.5
2.0
Figure 13. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
3.0 5.0
10
20 30
50
100 200
2000
TJ = −55°C to +100°C
+2.0
+1.5
+0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
qVB FOR VBE
*qVC FOR VCE(sat)
TJ = 100°C to 150°C
*APPLIES FOR IC/IB <
hFE @VCE + 1.0V
2
+1.0
300 500 1000
REVERSE


Numéro de pièce similaire - 2N4920

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N4920 ONSEMI-2N4920 Datasheet
113Kb / 8P
   GENERAL.PURPOSE POWER TRANSISTORS
April, 2002 ??Rev. 10
2N4920 ONSEMI-2N4920 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
Savantic, Inc.
2N4920 SAVANTIC-2N4920 Datasheet
104Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N4920 ISC-2N4920 Datasheet
131Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N4920 NJSEMI-2N4920 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
More results

Description similaire - 2N4920

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BD136G ONSEMI-BD136G_13 Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon PNP Transistors
December, 2013 ??Rev. 16
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
TIP105 MCC-TIP105_13 Datasheet
331Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
2N4918 ONSEMI-2N4918_17 Datasheet
203Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
January, 2017 ??Rev. 12
logo
Micro Commercial Compon...
TIP105 MCC-TIP105 Datasheet
268Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
Continental Device Indi...
BD157 CDIL-BD157 Datasheet
90Kb / 2P
   PLASTIC MEDIUM POWER SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6666 BOCA-2N6666 Datasheet
157Kb / 3P
   PLASTIC MEDIUM-POWER SILICON TRANSISTORS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_14 Datasheet
113Kb / 6P
   Plastic Medium-Power Silicon Transistors
November, 2014 ??Rev. 15
2N6387 ONSEMI-2N6387 Datasheet
75Kb / 8P
   Plastic Medium-Power Silicon Transistors
April, 2002 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com