Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G06GW Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74LVC1G06GW
Description  Inverter with open-drain output Rev. 10 ??29 June 2012
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G06GW Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC1G06GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 10Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 11Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 12Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 13Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 14Page - NXP Semiconductors 74LVC1G06GW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
74LVC1G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 29 June 2012
11 of 18
NXP Semiconductors
74LVC1G06
Inverter with open-drain output
Fig 13. Package outline SOT891 (XSON6)
terminal 1
index area
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT891
SOT891
05-04-06
07-05-15
XSON6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm
D
E
e1
e
A1
b
L
L1
e1
0
1
2 mm
scale
DIMENSIONS (mm are the original dimensions)
UNIT
mm
0.20
0.12
1.05
0.95
0.35
0.27
A1
max
b
E
1.05
0.95
D
ee1
L
0.40
0.32
L1
0.35
0.55
A
max
0.5
0.04
1
6
2
5
3
4
A
6
×
(1)
4
×
(1)
Note
1. Can be visible in some manufacturing processes.


Numéro de pièce similaire - 74LVC1G06GW

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G06GW PHILIPS-74LVC1G06GW Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74LVC1G06GW NXP-74LVC1G06GW Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
74LVC1G06GW NXP-74LVC1G06GW Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Nexperia B.V. All right...
74LVC1G06GW NEXPERIA-74LVC1G06GW Datasheet
255Kb / 16P
   Inverter with open-drain output
Rev. 14 - 10 February 2022
74LVC1G06GW-Q100 NEXPERIA-74LVC1G06GW-Q100 Datasheet
187Kb / 13P
   Inverter with open-drain output
More results

Description similaire - 74LVC1G06GW

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74AHC1G06 NXP-74AHC1G06_07 Datasheet
78Kb / 11P
   Inverter with open-drain output
Rev. 06-7 June 2007
74LVC1G06GV.125 NXP-74LVC1G06GV.125 Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT3G06 UTC-U74AHCT3G06_15 Datasheet
146Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
NCX2202GW-125 NXP-NCX2202GW-125 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74AHC1G06 PHILIPS-74AHC1G06 Datasheet
66Kb / 16P
   Inverter with open-drain output
2000 May 01
logo
Leshan Radio Company
L74VHC1G05 LRC-L74VHC1G05 Datasheet
242Kb / 6P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com