Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2842D Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2842D
Description  CURRENT MODE PWM CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2842D Fiches technique(HTML) 8 Page - Texas Instruments

Back Button UC2842D Datasheet HTML 4Page - Texas Instruments UC2842D Datasheet HTML 5Page - Texas Instruments UC2842D Datasheet HTML 6Page - Texas Instruments UC2842D Datasheet HTML 7Page - Texas Instruments UC2842D Datasheet HTML 8Page - Texas Instruments UC2842D Datasheet HTML 9Page - Texas Instruments UC2842D Datasheet HTML 10Page - Texas Instruments UC2842D Datasheet HTML 11Page - Texas Instruments UC2842D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
OFFLINE FLYBACK REGULATOR
R1
5
Ω 1 W
117 VAC
VARO
VM 68
C1
250
µF
250 V
R2
56 k
2 W
R12
4.7 k
2 W
C9
3300 pF
600 V
NP
D4
1N3613
D2
1N3612
D3
1N3612
NC
R3
20 k
R4
4.7 k
C4
47
µF
25 V
R9
68
3 W
C3
22
µF
C2
100
µF
25 V
7
2
1
8
4
5
3
6
UC3844
R5 150 k
C14
100 pF
R6
10 k
C5
0.01
µF
C6
0.0022
µF
USD1120
R7
22
R8
1 k
C7
470 pF
R13
20 k
R10
0.55
1 W
Q1
UFN833
T1
D6
U9D946
L1
N5
C10
4700
µF
10 V
C11
4700
µF
10 V
+6 V
COM
+12 V
±12 V COM
−12 V
D7
UF81002
N12
N12
C12
2200
µF
16 V
C13
2200
µF
16 V
D8
UES1002
C8
680 pF
600 V
D8
1N3613
R11
2.7 k
2 W
Power Supply Specifications
SLOPE COMPENSATION
8
4
3
VREF
RT / CT
ISENSE
UC1842/3
0.1 mF
RT
CT
R1
R2
C
ISENSE
RSENSE
UC1842/3/4/5
UC2842/3/4/5
UC3842/3/4/5
SLUS223C – APRIL 1997 – REVISED JUNE 2007
1. Input Voltages
a.
5VAC to 130VA (50 Hz/60 Hz)
2. Line Isolation: 3750 V
3. Switchng Frequency: 40 kHz
4. Efficiency at Full Load 70%
5. Output Voltage:
a.
+5 V,
±5%; 1A to 4A load
Ripple voltage: 50 mV P-P Max
b.
+12 V,
±3%; 0.1A to 0.3A load
Ripple voltage: 100 mV P-P Max
c.
–12 V,
±3%; 0.1A to 0.3A load
Ripple voltage: 100 mV P-P Max
A fraction of the oscillator ramp can be resistively summed with the current sense signal to provide slope
compensation for converters requiring duty cycles over 50%.
8
Submit Documentation Feedback


Numéro de pièce similaire - UC2842D

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
UC2842D STMICROELECTRONICS-UC2842D Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC2842D TI-UC2842D Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2842D TI-UC2842D Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2842D TI1-UC2842D Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC2842D TI-UC2842D Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

Description similaire - UC2842D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com