Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61070DDCRG4 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61070DDCRG4
Description  90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61070DDCRG4 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS61070DDCRG4 Datasheet HTML 1Page - Texas Instruments TPS61070DDCRG4 Datasheet HTML 2Page - Texas Instruments TPS61070DDCRG4 Datasheet HTML 3Page - Texas Instruments TPS61070DDCRG4 Datasheet HTML 4Page - Texas Instruments TPS61070DDCRG4 Datasheet HTML 5Page - Texas Instruments TPS61070DDCRG4 Datasheet HTML 6Page - Texas Instruments TPS61070DDCRG4 Datasheet HTML 7Page - Texas Instruments TPS61070DDCRG4 Datasheet HTML 8Page - Texas Instruments TPS61070DDCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS TABLE
(1)
RECOMMENDED OPERATING CONDITIONS
TPS61070, TPS61071
TPS61072, TPS61073
SLVS510C – JULY 2006 – REVISED MARCH 2009 .......................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OUTPUT VOLTAGE OPTIONS(1)
OUTPUT
EN THRESHOLD
PACKAGE
POWER-
OPERATING
PART
TA
VOLTAGE
REFERENCE
PACKAGE
SAVE MODE
FREQUENCY
NUMBER(2)
MARKING
DC/DC
VOLTAGE
Adjustable
Enabled
1200 kHz
VBAT
AUH
TPS61070DDC
Adjustable
Disabled
1200 kHz
VBAT
AUJ
TPS61071DDC
- 40°C to
6-Pin
85°C
TSOT23
Adjustable
Disabled
600 kHz
VBAT
BUM
TPS61072DDC
Adjustable
Enabled
1200 kHz
1.8 V Logic
BUN
TPS61073DDC
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The DDC package is available taped and reeled. Add R suffix to device type (e.g., TPS61070DDCR) to order quantities of 3000 devices
per reel. Add T suffix to device type (e.g., TPS61070DDCT) to order quantities of 250 devices per reel.
over operating free-air temperature range (unless otherwise noted)
(1)
TPS6107x
Input voltage range on SW, VOUT, VBAT, EN, FB
-0.3 V to 7 V
Operating virtual junction temperature range, TJ
-40°C to 150°C
Storage temperature range Tstg
-65°C to 150°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL RESISTANCE
DERATING FACTOR
POWER RATING
PACKAGE
ABOVE
TA≤ 25°C
ΘJA
ΘJB
ΘJC
TA = 25°C
DDC
130 °C/W
27 °C/W
41 °C/W
769 mW
7.7 mW/°C
(1)
This thermal data is based on assembly of the device on a JEDEC high K board. Exceeding the maximum junction temperature will
force the device into thermal shutdown.
MIN
NOM
MAX UNIT
Supply voltage at VBAT, VI (TPS61070, TPS61071, TPS61072)
0.9
5.5
V
Supply voltage at VBAT, VI (TPS61073)
2.3
5.5
V
Operating free air temperature range, TA
-40
85
°C
Operating virtual junction temperature range, TJ
-40
125
°C
2
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS61070 TPS61071 TPS61072 TPS61073


Numéro de pièce similaire - TPS61070DDCRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61070DDCRG4 TI-TPS61070DDCRG4 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070DDCRG4 TI-TPS61070DDCRG4 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
More results

Description similaire - TPS61070DDCRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61070 TI-TPS61070 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_07 Datasheet
505Kb / 25P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071-Q1 TI1-TPS61071-Q1 Datasheet
575Kb / 24P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_15 Datasheet
998Kb / 28P
[Old version datasheet]   TPS6107x 90% Efficient Synchronous Boost Converter With 600-mA Switch
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com