Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS71401DCKR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS71401DCKR
Description  80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71401DCKR Fiches technique(HTML) 5 Page - Texas Instruments

  TPS71401DCKR Datasheet HTML 1Page - Texas Instruments TPS71401DCKR Datasheet HTML 2Page - Texas Instruments TPS71401DCKR Datasheet HTML 3Page - Texas Instruments TPS71401DCKR Datasheet HTML 4Page - Texas Instruments TPS71401DCKR Datasheet HTML 5Page - Texas Instruments TPS71401DCKR Datasheet HTML 6Page - Texas Instruments TPS71401DCKR Datasheet HTML 7Page - Texas Instruments TPS71401DCKR Datasheet HTML 8Page - Texas Instruments TPS71401DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
T
JunctionTemperature
J -
- C
°
-40 -25 -10 5 20 35 50 65 80 95 110 125
3.465
3.432
3.399
3.366
3.333
3.300
3.267
3.234
3.201
3.168
3.135
V
IN =4 .3V
I
OUT =10mA
I
OUT =80mA
I
OutputCurrent
OUT -
- mA
0
10
20
30
40
50
60
70
80
3.465
3.432
3.399
3.366
3.333
3.300
3.267
3.234
3.201
3.168
3.135
V
IN =4.3V
2.0
2.5
3.0
3.5
4.0
4.5
-40 -25 -10
5
20 35 50 65 80 95 110 125
T
JunctionTemperature
J -
- C
°
VIN = 4.3V
VOUT = 3.3V
IOUT =1mF
I
OUT - Output Current - mA
0
10
80
70
60
50
40
30
20
1000
900
800
700
600
500
400
300
200
100
0
V
IN =4.3V
T
J =+125 C
°
T
J =+25 C
°
T
J = -40 C
°
100
1k
10k
100k
f
Frequency
Hz
-
-
IOUT = 1mA
IOUT = 50mA
0
1
2
3
4
5
6
7
8
VIN = 4.3V
VOUT = 3.3V
COUT =1mF
f
Frequency
Hz
-
-
14
8
0
12
2
4
10
VIN = 4.3V
VOUT = 3.3V
COUT =1mF
TJ = +25°C
IOUT = 1mA
100
1M
10
1k
10k
100k
10M
IOUT = 50mA
6
16
18
TPS714xx
www.ti.com
SBVS116C
– DECEMBER 2008 – REVISED MARCH 2011
TYPICAL CHARACTERISTICS
At TA = +25°C, unless otherwise noted.
TPS71433
TPS71433
TPS71433
OUTPUT VOLTAGE
OUTPUT VOLTAGE
QUIESCENT CURRENT
vs
vs
vs
OUTPUT CURRENT
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 3.
Figure 4.
Figure 5.
TPS71433
TPS71433
TPS71433
OUTPUT SPECTRAL NOISE
DENSITY
OUTPUT IMPEDANCE
DROPOUT VOLTAGE
vs
vs
vs
FREQUENCY
FREQUENCY
OUTPUT CURRENT
Figure 6.
Figure 7.
Figure 8.
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5


Numéro de pièce similaire - TPS71401DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71401DCKR TI1-TPS71401DCKR Datasheet
1,010Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2關A Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS71401DCKR TI1-TPS71401DCKR Datasheet
3Mb / 38P
[Old version datasheet]   TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results

Description similaire - TPS71401DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71401 TI-TPS71401 Datasheet
688Kb / 16P
[Old version datasheet]   80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS714XX TI1-TPS714XX Datasheet
1,010Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2關A Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
   LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 DIODES-AP133 Datasheet
970Kb / 14P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com