Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-261N-060E Fiches technique(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-261N-060E
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-261N-060E Fiches technique(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-261N-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-060E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-060E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-060E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-060E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-060E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-261N-060E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Electrical Specifications
Over recommended operating temperature (T
A = - 40°C to +85°C) unless otherwise specified.
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
High Level Output
I
OH
3.1
100
µA
V
CC = 5.5 V, VO = 5.5 V,
4
18
Current
V
F = 0.8 V, VE = 2.0 V
Low Level Output
V
OL
0.4
0.6
V
V
CC = 5.5 V, IOL = 13 mA
5, 8
4, 18
Voltage
(sinking), I
F = 3.0 mA,
V
E = 2.0 V
High Level Supply
I
CCH
7
10
mA
V
E = 0.5 V**
V
CC = 5.5 V
4
9
15
Dual Channel
Products***
Low Level Supply
I
CCL
8
13
mA
V
E = 0.5 V**
V
CC = 5.5 V
12
21
Dual Channel
Products***
High Level Enable
I
EH
-0.6
-1.6
mA
V
CC = 5.5 V, VE = 2.0 V
Current**
Low Level Enable
I
EL
-0.9
-1.6
mA
V
CC = 5.5 V, VE = 0.5 V
Current**
Input Forward
V
F
1.0
1.3
1.6
V
I
F = 4 mA
6
4
Voltage
Temperature Co-
∆V
F/∆TA
-1.25
mV/°C I
F = 4 mA
4
efficient of Forward
Voltage
Input Reverse
BV
R
3
5
V
I
R = 100 µA
4
Breakdown Voltage
Input Capacitance
C
IN
60
pF
f = 1 MHz, V
F = 0 V
*All typical values at T
A = 25°C, VCC = 5 V
**Single Channel Products only (HCPL-261A/261N/061A/061N)
***Dual Channel Products only (HCPL-263A/263N/063A/063N)
I
F = 0 mA
I
F = 3.0 mA
Current
Current


Numéro de pièce similaire - HCPL-261N-060E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261N-060E AVAGO-HCPL-261N-060E Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
More results

Description similaire - HCPL-261N-060E

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-063A-000E AVAGO-HCPL-063A-000E Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-261A HP-HCPL-261A Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A_13 Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com