Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA2033D1YZF Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPA2033D1YZF
Description  2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2033D1YZF Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPA2033D1YZF Datasheet HTML 3Page - Texas Instruments TPA2033D1YZF Datasheet HTML 4Page - Texas Instruments TPA2033D1YZF Datasheet HTML 5Page - Texas Instruments TPA2033D1YZF Datasheet HTML 6Page - Texas Instruments TPA2033D1YZF Datasheet HTML 7Page - Texas Instruments TPA2033D1YZF Datasheet HTML 8Page - Texas Instruments TPA2033D1YZF Datasheet HTML 9Page - Texas Instruments TPA2033D1YZF Datasheet HTML 10Page - Texas Instruments TPA2033D1YZF Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
20
0.05
0.1
1
10
3
10m
100m
1
P -OutputPower-W
O
V
=5V
DD
V
=2.5V
DD
V
=3V
DD
V
=3.6V
DD
R
=4
L
W
0
0.5
1
1.5
2
2.5
3
2.5
3
3.5
4
4.5
5
V
-SupplyVoltage-V
DD
4
THD+N=1%
W
4
THD+N=10%
W
8
THD+N=1%
W
8
THD+N=10%
W
0
0.5
1
1.5
2
2.5
4
9
14
19
24
29
R -LoadResistance-
L
W
V
=2.5V,1%
DD
V
=3.6V,1%
DD
V
=5V,1%
DD
20
0.05
0.1
1
2
10m
100m
1
P -OutputPower-W
O
V
=5V
DD
V
=2.5V
DD
V
=3V
DD
V
=3.6V
DD
R
=8
L
W
10
1
0.01
0.1
f-Frequency-Hz
20k
20
100
1k
10k
P
=500mW
O
P
=25mW
O
P
=125mW
O
R
L
=8
V
=3.6V
W
DD
1
0.01
0.1
f-Frequency-Hz
20k
20
100
1k
10k
P
=1W
O
R
=8
V
=5V
L
DD
W
P
=50mW
O
P
=250mW
O
1
0.01
0.1
f-Frequency-Hz
20k
20
100
1k
10k
V
=2.5V
DD
V
=5V
DD
V
=4V
DD
V
=3.6V
DD
V
=3V
DD
R
=4
L
W
1
0.005
0.01
0.1
f-Frequency-Hz
20k
20
100
1k
10k
P
=200mW
O
P
=15mW
O
P
=75mW
O
R
=8
V
=2.5V
L
DD
W
TPA2032D1
TPA2033D1
TPA2034D1
SLOS476 – JUNE 2006
TOTAL HARMONIC DISTORTION +
OUTPUT POWER
OUTPUT POWER
NOISE
vs
vs
vs
LOAD RESISTANCE
SUPPLY VOLTAGE
OUTPUT POWER
Figure 10.
Figure 11.
Figure 12.
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
OUTPUT POWER
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
COMMON MODE INPUT VOLTAGE
Figure 16.
Figure 17.
Figure 18.
7
Submit Documentation Feedback


Numéro de pièce similaire - TPA2033D1YZF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2033D1YZF TI1-TPA2033D1YZF Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2033D1YZFR TI1-TPA2033D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Description similaire - TPA2033D1YZF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI1-TPA2032D1_16 Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com