Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA2016D2RTJT Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA2016D2RTJT
Description  2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2016D2RTJT Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPA2016D2RTJT Datasheet HTML 4Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 5Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 6Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 7Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 8Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 9Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 10Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 11Page - Texas Instruments TPA2016D2RTJT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Input Level − dBV
−50
−40
−30
−20
−10
0
10
20
−70
−50
−30
−10
10
G007
Compression Ratio = 1:1
Compression Ratio = 2:1
Compression Ratio = 4:1
Compression Ratio = 8:1
Limiter Level = 9 dBV
RL = 8 Ω + 33 µH
VSupply = 5 V
Fixed Gain = 0 dB
Max Gain = 30 dB
f − Frequency − Hz
20
100
1k
20k
10
0.1
0.01
0.001
G008
Gain = 6 dB
RL = 8 Ω + 33 µH
VSupply = 3.6 V
1
10k
PO = 0.25 W
PO = 0.5 W
PO = 0.05 W
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G011
Gain = 6 dB
RL = 8 Ω + 33 µH
Right Channel
20
100
1k
20k
10k
VCC = 3.6 V
VCC = 2.5 V
VCC = 5 V
f − Frequency − Hz
20
100
1k
20k
10
0.1
0.01
0.001
G009
Gain = 6 dB
RL = 8 Ω + 33 µH
VSupply = 5 V
1
10k
PO = 0.5 W
PO = 0.1 W
PO = 1 W
PO − OutputPower − W
0.01
0.1
1
3
100
1
0.1
0.01
10
VDD =2.5V
VDD =3.6V
VDD =5V
Gain=6dB
R =4
+33 H
QFNOnly
L
W
m
PO − Output Power − W
0.01
0.1
1
3
100
1
0.1
0.01
G010
Gain = 6 dB
RL = 8 Ω + 33 µH
f = 1 kHz
10
VSupply = 3.6 V
VSupply = 5 V
TPA2016D2
SLOS524D – JUNE 2008 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
with C(DECOUPLE) = 1 µF, CI = 1 µF.
OUTPUT LEVEL
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
INPUT LEVEL
FREQUENCY
Figure 9.
Figure 10.
TOTAL HARMONIC DISTORTION + NOISE
vs
FREQUENCY
SUPPLY RIPPLE REJECTION RATIO
Figure 11.
Figure 12.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 13.
Figure 14.
8
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPA2016D2


Numéro de pièce similaire - TPA2016D2RTJT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2016D2RTJT TI1-TPA2016D2RTJT Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
More results

Description similaire - TPA2016D2RTJT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
[Old version datasheet]   1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2016D2 TI1-TPA2016D2_17 Datasheet
1Mb / 46P
[Old version datasheet]   2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
   2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
logo
Lyontek Inc.
LY8210 LYONTEK-LY8210 Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com