Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74180J Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce SN74180J
Description  9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74180J Fiches technique(HTML) 4 Page - Texas Instruments

  SN74180J Datasheet HTML 1Page - Texas Instruments SN74180J Datasheet HTML 2Page - Texas Instruments SN74180J Datasheet HTML 3Page - Texas Instruments SN74180J Datasheet HTML 4Page - Texas Instruments SN74180J Datasheet HTML 5Page - Texas Instruments SN74180J Datasheet HTML 6Page - Texas Instruments SN74180J Datasheet HTML 7Page - Texas Instruments SN74180J Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN54180J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
SN74180N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN74180N
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SNJ54180J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
SNJ54180J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
SNJ54180W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
SNJ54180W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
15-Oct-2009
Addendum-Page 1


Numéro de pièce similaire - SN74180J

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74180 TI-SN74180 Datasheet
109Kb / 4P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENRATORS/CHECKERS
SN74180N TI-SN74180N Datasheet
109Kb / 4P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENRATORS/CHECKERS
More results

Description similaire - SN74180J

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54HC280 TI-SN54HC280 Datasheet
89Kb / 4P
[Old version datasheet]   9 BIT ODD /EVEN PARITY GENERATORS/CHECKERS
SN54LS280 TI-SN54LS280_08 Datasheet
899Kb / 24P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54LS280 TI-SN54LS280 Datasheet
227Kb / 6P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
logo
Hitachi Semiconductor
HD74LS280 HITACHI-HD74LS280 Datasheet
58Kb / 6P
   9-bit Odd/Even Parity Generators/Checkers
logo
KODENSHI_AUK CORP.
KK74180 KODENSHI-KK74180 Datasheet
259Kb / 4P
   9-Bit ODD/EVEN Parity Generators/Checkers
logo
Motorola, Inc
SN54LS280 MOTOROLA-SN54LS280 Datasheet
164Kb / 4P
   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
logo
Texas Instruments
SN54LS280 TI1-SN54LS280_15 Datasheet
901Kb / 17P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
logo
IK Semicon Co., Ltd
IN74180 IKSEMICON-IN74180 Datasheet
245Kb / 4P
   9-Bit ODD/EVEN Parity Generators/Checkers
logo
Texas Instruments
SN54180 TI-SN54180 Datasheet
109Kb / 4P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENRATORS/CHECKERS
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com