Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AC04DG4 Fiches technique(PDF) 4 Page - Texas Instruments |
|
SN74AC04DG4 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 20 page SN54AC04, SN74AC04 HEX INVERTERS SCAS519E − JULY 1995 − REVISED OCTOBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 2 × VCC 500 Ω 500 Ω Open 50% VCC tPLH tPHL tPHL tPLH VOH VOH VOL VOL 50% VCC 50% VCC VCC 0 V 50% VCC 50% VCC Input (see Note B) Out-of-Phase Output In-Phase Output 50% VCC VOLTAGE WAVEFORMS S1 TEST tPLH/tPHL Open NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. C. The outputs are measured one at a time with one input transition per measurement. Figure 1. Load Circuit and Voltage Waveforms |
Numéro de pièce similaire - SN74AC04DG4 |
|
Description similaire - SN74AC04DG4 |