Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMH6518SQ Fiches technique(PDF) 18 Page - Texas Instruments

No de pièce LMH6518SQ
Description  LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6518SQ Fiches technique(HTML) 18 Page - Texas Instruments

Back Button LMH6518SQ Datasheet HTML 14Page - Texas Instruments LMH6518SQ Datasheet HTML 15Page - Texas Instruments LMH6518SQ Datasheet HTML 16Page - Texas Instruments LMH6518SQ Datasheet HTML 17Page - Texas Instruments LMH6518SQ Datasheet HTML 18Page - Texas Instruments LMH6518SQ Datasheet HTML 19Page - Texas Instruments LMH6518SQ Datasheet HTML 20Page - Texas Instruments LMH6518SQ Datasheet HTML 21Page - Texas Instruments LMH6518SQ Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
0
100
200
300
400
500
TIME (ns)
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
20 dB Ladder Attenuation
50% Overdrive
Preamp HG or LG
LMH6518
SNOSB21C – MAY 2008 – REVISED JULY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, Input CM = 2.5V, VCM = 1.2V, VCM AUX = 1.2V, Single-ended input drive, VCC = 5V, VDD = 3.3V, RL
= 100
Ω differential (both Main & Auxiliary Outputs), VOUT = 0.7 VPP differential (both Main and Auxiliary Outputs), Main output
specification (Auxiliary is labeled “Auxiliary”), full bandwidth setting, gain = 18.8 dB (Preamp LG, 0 dB ladder attenuation), Full
Power setting
(1).
Overdrive Recovery Time (Return to Zero)
Figure 56.
18
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMH6518


Numéro de pièce similaire - LMH6518SQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMH6518SQ TI1-LMH6518SQ Datasheet
1Mb / 40P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518SQE TI1-LMH6518SQE Datasheet
1Mb / 40P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518SQX TI1-LMH6518SQX Datasheet
1Mb / 40P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
More results

Description similaire - LMH6518SQ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMH6518 TI1-LMH6518_14 Datasheet
1Mb / 40P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518 TI-LMH6518_15 Datasheet
1Mb / 41P
[Old version datasheet]   LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
logo
Maxim Integrated Produc...
MAX2027 MAXIM-MAX2027 Datasheet
1Mb / 10P
   IF Digitally Controlled Variable-Gain Amplifier
Rev 1; 2/04
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
   Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Texas Instruments
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com