Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPSMA6L70A Fiches technique(PDF) 4 Page - Littelfuse

No de pièce TPSMA6L70A
Description  Transient Voltage Suppression Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TPSMA6L70A Fiches technique(HTML) 4 Page - Littelfuse

  TPSMA6L70A Datasheet HTML 1Page - Littelfuse TPSMA6L70A Datasheet HTML 2Page - Littelfuse TPSMA6L70A Datasheet HTML 3Page - Littelfuse TPSMA6L70A Datasheet HTML 4Page - Littelfuse TPSMA6L70A Datasheet HTML 5Page - Littelfuse TPSMA6L70A Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Transient Voltage Suppression Diodes
4
Revised: December 12, 2012
TVS Diode Arrays (SPAFamily of Products)
TPSMA6L Series
Surface Mount – 600W > TPSMA6L series
Please refer to http://www.Littelfuse.com for current information.
0
20
40
60
80
100
0255075100
125150
175
T
A-Ambient temperature (ºC)
1
10
100
1000
10000
1.0
10.0100.01000.0
Tj=25ºC
f=1.0MHz
Vsig=50mVp-p
Uni-directional V=0V
Uni-directional @V
R
V
BR - Reverse Breakdown Voltage (V)
Figure 3 - Pulse Derating Curve
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10µsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
Figure 4 - Pulse Waveform
Figure 5 - Typical Junction Capacitance
0255075
100
125
150
175
T
A - Ambient Temperature (ºC)
bargaining
3.0
0.6
1.2
1.8
3.6
2.4
0
RuJA=RuJL
RuJA=200°C/W
Figure 6 - Steady State Power Dissipation Derating
Curve
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted) (Continued)


Numéro de pièce similaire - TPSMA6L70A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TPSMA6.8 VISHAY-TPSMA6.8 Datasheet
36Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
TPSMA6.8 VISHAY-TPSMA6.8 Datasheet
99Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 20-Sep-07
TPSMA6.8 VISHAY-TPSMA6.8 Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMA6.8 VISHAY-TPSMA6.8 Datasheet
81Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
logo
Shenzhen Taychipst Elec...
TPSMA6.8 TAYCHIPST-TPSMA6.8 Datasheet
13Mb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
More results

Description similaire - TPSMA6L70A

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com