Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT11008DRG4 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce 74ACT11008DRG4
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11008DRG4 Fiches technique(HTML) 3 Page - Texas Instruments

  74ACT11008DRG4 Datasheet HTML 1Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 2Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 3Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 4Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 5Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 6Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 7Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 8Page - Texas Instruments 74ACT11008DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74ACT11008
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SCAS013C – AUGUST 1987 – REVISED APRIL 1996
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
IOH =50 mA
4.5 V
4.4
4.4
VOH
IOH = –50 mA
5.5 V
5.4
5.4
V
VOH
IOH =24 mA
4.5 V
3.94
3.7
V
IOH = –24 mA
5.5 V
4.94
4.7
IOL =50 mA
4.5 V
0.1
0.1
VOL
IOL = 50 mA
5.5 V
0.1
0.1
V
VOL
IOL =24mA
4.5 V
0.36
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
IOH†
VO = 3.85 V
5.5 V
–75
mA
IOL†
VO = 1.65 V
5.5 V
75
mA
II
VI = VCC or GND
5.5 V
±0.1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
mA
DICC‡
One input at 3.4 V,
55 V
09
1
mA
DICC‡
,
Other inputs at GND or VCC
5.5 V
0.9
1
mA
Ci
VI = VCC or GND
5 V
3.5
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 1 second.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 or VCC.
switching characteristics over recommended ranges of supply voltage and free-air temperature
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
1.5
5.8
8
1.5
9
ns
tPHL
A or B
Y
1.5
5.2
7.7
1.5
8.2
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
CL = 50 pF,
f = 1 MHz
29
pF


Numéro de pièce similaire - 74ACT11008DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT11008D TI-74ACT11008D Datasheet
77Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results

Description similaire - 74ACT11008DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCT08-EP TI1-SN74AHCT08-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
logo
Unisonic Technologies
U74AHCT08 UTC-U74AHCT08_15 Datasheet
195Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC08A-Q1 TI-SN74LVC08A-Q1 Datasheet
198Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08 TI-SN74ALVC08_07 Datasheet
727Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74LV08A-EP TI1-SN74LV08A-EP Datasheet
414Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
74AC11008DRG4 TI1-74AC11008DRG4 Datasheet
644Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74AUC08 TI-SN74AUC08_07 Datasheet
552Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
74AC11008 TI-74AC11008 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
REVISED APRIL 1996
74ACT11008 TI-74ACT11008 Datasheet
77Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08 TI-SN74ALVC08 Datasheet
575Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74LVC08A-EP TI1-SN74LVC08A-EP Datasheet
542Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com