Moteur de recherche de fiches techniques de composants électroniques |
|
LM3658SDX-A Fiches technique(PDF) 3 Page - Texas Instruments |
|
LM3658SDX-A Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 21 page LM3658 www.ti.com SNVS328E – MAY 2005 – REVISED MARCH 2007 OPERATING RATINGS (1) (2) Input Voltage Range for CHG_IN 4.5V to 6.0V Input Voltage Range for USB_pwr 4.35V to 6.0V Recommended Load Current 0 to 1000 mA Power Dissipation(3) Internally Limited Junction Temperature (TJ) Range −40°C to +125°C Ambient Temperature (TA) Range −40°C to +85°C (1) Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits and associated test conditions, see the Electrical Characteristics tables. (2) All voltages are with respect to the potential at the GND pin. (3) The LM3658 has built-in thermal regulation to regulate the die temperature to 120ºC. See Operation Description section for more detail. THERMAL PROPERTIES θJA, Junction-to-Ambient Thermal Resistance (1) 54°C/W (1) Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power dissipation exists, special care must be paid to thermal dissipation issues in board design. Please refer to application note AN-1187 (SNOA401) for more detail. ELECTRICAL CHARACTERISTICS Unless otherwise noted, VCC (VCHG_IN and/or VUSBpwr) = 5V, VBATT = 3.5V. CCHG_IN = 1 µF, CUSBpwr = 1 µF, CBATT = 1 µF. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over TJ = 0°C to +85°C. (1) (2) (3) Symbol Parameter Conditions Min Typ Max Units CHARGER VCHG_IN AC Wall Adapter Input Voltage 4.5 6.0 V Range VUSBpwr USB Input Voltage Range 4.35 6.0 V ICC_PD Quiescent Current in Power VBATT > VCC–VOK_CHG 1 5 µA Down Mode ICC_STBY Quiescent Current in Standby VBATT < VCC − VOK_CHG Mode VCC > VPOR 400 600 µA EN_b = High IBATT_PD Battery Leakage Current in VBATT > VCC + VOK_CHG 0.01 2.0 µA Power Down Mode IBATT_MAI Battery Leakage Current in STAT1 = off, STAT2 = on, adapter or USB 7 15 µA NT Maintenance Mode connected, VBATT = 4.2V VOK_CHG CHG_IN or USBpwr OK Trip- VCC – VBATT (Rising) 200 mV Point VCC – VBATT (Falling) 50 VPOR VCC POR Trip-Point VCC (Rising) VBATT < VCC – VOK_CHG 3.0 V VFULL_RATE < VBATT < VTERM VTERM Battery Charge Termination ICHG = 10% of its value when VBATT = 3.5V 4.2 V Voltage Battery Charge Termination TA = 25°C −0.35 +0.35 % Voltage Tolerance TA = 0°C to 85°C −1.5 +1.5 VCHG_DO CHG_IN Drop-Out Voltage VBATT = VTERM, ICHG = 1A 500 mV VCC > VBATT + VCHG_DO_MAX VUSB_DO USBpwr Drop-Out Voltage VBATT = VTERM, USB_sel = high 250 mV VCC > VBATT + VUSB_DO_MAX (1) All voltages are with respect to the potential at the GND pin. (2) Min and Max limits are specified by design, test, or statistical analysis. Typical numbers are not specified, but do represent the most likely norm. (3) LM3658 is not intended as a Li-Ion battery protection device; battery used in this application should have an adequate internal protection. Copyright © 2005–2007, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM3658 |
Numéro de pièce similaire - LM3658SDX-A |
|
Description similaire - LM3658SDX-A |