Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD707JN Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD707JN
Description  Ultralow Drift Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD707JN Fiches technique(HTML) 8 Page - Analog Devices

  AD707JN Datasheet HTML 1Page - Analog Devices AD707JN Datasheet HTML 2Page - Analog Devices AD707JN Datasheet HTML 3Page - Analog Devices AD707JN Datasheet HTML 4Page - Analog Devices AD707JN Datasheet HTML 5Page - Analog Devices AD707JN Datasheet HTML 6Page - Analog Devices AD707JN Datasheet HTML 7Page - Analog Devices AD707JN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD707
REV. B
–8–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Metal Can
(H-08A)
45
°
BSC
0.100
(2.54)
BSC
0.034 (0.86)
0.027 (0.69)
0.045 (1.14)
0.027 (0.69)
0.160 (4.06)
0.110 (2.79)
0.100
(2.54)
BSC
0.200
(5.08)
BSC
6
8
5
7
1
4
2
3
REFERENCE PLANE
BASE & SEATING PLANE
0.335 (8.51)
0.305 (7.75)
0.370 (9.40)
0.335 (8.51)
0.750 (19.05)
0.500 (12.70)
0.045 (1.14)
0.010 (0.25)
0.050
(1.27)
MAX
0.040 (1.02) MAX
0.019 (0.48)
0.016 (0.41)
0.021 (0.53)
0.016 (0.41)
0.185 (4.70)
0.165 (4.19)
0.250 (6.35)
MIN
8-Pin Cerdip
(Q-8)
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
15
°
0
°
0.005 (0.13) MIN
0.055 (1.4) MAX
1
PIN 1
4
5
8
0.310 (7.87)
0.220 (5.59)
0.405 (10.29) MAX
0.200
(5.08)
MAX
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
0.200 (5.08)
0.125 (3.18)
0.100
(2.54)
BSC
8-Pin Plastic DIP
(N-8)
8
14
5
0.430 (10.92)
0.348 (8.84)
0.280 (7.11)
0.240 (6.10)
PIN 1
SEATING
PLANE
0.022 (0.558)
0.014 (0.356)
0.060 (1.52)
0.015 (0.38)
0.210 (5.33)
MAX
0.130
(3.30)
MIN
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.160 (4.06)
0.115 (2.93)
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
8-Lead SOIC
(SO-8)
0.1968 (5.00)
0.1890 (4.80)
8
5
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°
PRECISION CURRENT TRANSMITTER
The AD707’s excellent dc performance, especially the low offset
voltage, low offset voltage drift and high CMRR, makes it
possible to make a high precision voltage-controlled current
transmitter using a variation of the Howland Current Source
circuit (Figure 26). This circuit provides a bidirectional load
current which is derived from a differential input voltage.
6
2
3
+VS
AD707
0.1µF
–VS
4
0.1µF
7
R4
100k
R3
100k
R2
100k
R1
100k
RL
IL
RSCALE
VIN
VIN
RSCALE
tL = –––––––
–––
( )
R2
R1
Figure 26. Precision Current Source/Sink
The performance and accuracy of this circuit will depend almost
entirely on the tolerance and selection of the resistors. The scale
resistor (RSCALE) and the four feedback resistors directly affect
the accuracy of the load current and should be chosen carefully
or trimmed.
As an example of the accuracy achievable, assume IL must be
10 mA, and the available VIN is only 10 mV.
RSCALE = 10 mV/10 mA = 1
IERROR due to the AD707C:
Maximum IERROR = 2(VOS)/RSCALE + 2(VOS Drift)/RSCALE +
IOS (100 k/RSCALE)
= 2 (15
µV)/l Ω +2 (0.1 µV/°C)/l Ω
+ 1 nA (100 k)/l
Ω (1.5 nA @ 125°C)
= 30
µA + 0.2 µA/°C + 100 µA
(150
µA @ 125°C)
= 130
µA/10 mA = 1.3% @ 25°C
= 180
µA/10 mA = 1.8% @ 125°C
Low drift, high accuracy resistors are required to achieve high
precision.


Numéro de pièce similaire - AD707JN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD707JN AD-AD707JN Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
More results

Description similaire - AD707JN

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD707 AD-AD707_15 Datasheet
329Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707 AD-AD707 Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD647 AD-AD647_15 Datasheet
385Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
AD647 AD-AD647 Datasheet
378Kb / 6P
   Ultralow Drift, Dual BiFET Op Amp
REV. A
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
ADA4528-1 AD-ADA4528-1 Datasheet
737Kb / 20P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. 0
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
AD797 AD-AD797 Datasheet
406Kb / 16P
   Ultralow Distortion, Ultralow Noise Op Amp
REV. C
AD797 AD-AD797_08 Datasheet
520Kb / 20P
   Ultralow Distortion, Ultralow Noise Op Amp
Rev. F
AD8597 AD-AD8597 Datasheet
113Kb / 3P
   Single, Ultralow Distortion, Ultralow Noise Op Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com