Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431ACZ Fiches technique(PDF) 3 Page - Analog Intergrations Corporation

No de pièce TL431ACZ
Description  Adjustable Precision Shunt Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

TL431ACZ Fiches technique(HTML) 3 Page - Analog Intergrations Corporation

  TL431ACZ Datasheet HTML 1Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 2Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 3Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 4Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 5Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 6Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 7Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 8Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AIC431/TL431A/TL431
3
n TEST CIRCUITS
VREF
IREF
IZ
VZ
IL
IN
AIC431
R2
R1
VREF
IREF
IZ
VZ
IN
IL
AIC431
Note: VZ=VREF(1+R1/R2)+IREFxR1
Fig. 1 Test Circuit for VZ=VREF
Fig. 2 Test circuit for VZ>VREF
IN
VZ
IZ(OFF)
AIC431
Fig. 3 Test circuit for off-state Current
n ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
VZ=VREF,
AIC431
2.482
2.495
2.508
IL =10mA (Fig. 1)
TL431A
2.470
2.495
2.520
Reference Voltage
TL431
VREF
2.455
2.495
2.535
V
Deviation of Reference
Input Voltage Over
Temperature (Note 3)
VZ = VREF , IL =10mA,
Ta = 0
°C~ +85°C (Fig. 1)
VDEV
9.0
20
mV
Ratio of the Change in Refer-
ence Voltage to
IZ=10mA
∆V
Z=10V-VREF
-0.5
-2.0
mV/V
the Change in Cathode volt-
age
(Fig. 2)
∆V
Z=30V-10V
∆V
REF
∆V
Z
-0.35
-1.5
mV/V
Reference Input Current
R1 =10K
Ω, R2=∞,
IL =10mA (Fig. 2)
IREF
0.8
3.5
µA


Numéro de pièce similaire - TL431ACZ

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TL431ACZ STMICROELECTRONICS-TL431ACZ Datasheet
152Kb / 10P
   PROGRAMMABLE VOLTAGE REFERENCE
TL431ACZ STMICROELECTRONICS-TL431ACZ Datasheet
243Kb / 13P
   Programmable Voltage Reference
TL431ACZ STMICROELECTRONICS-TL431ACZ Datasheet
174Kb / 15P
   Programmable voltage reference
TL431ACZ STMICROELECTRONICS-TL431ACZ Datasheet
939Kb / 21P
   Programmable voltage reference
TL431ACZ-AP STMICROELECTRONICS-TL431ACZ-AP Datasheet
152Kb / 10P
   PROGRAMMABLE VOLTAGE REFERENCE
More results

Description similaire - TL431ACZ

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com