Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FC-13A Datasheet(Fiches technique) 1 Page - Epson Company

Numéro de pièce FC-13A
Description  kHz RANGE CRYSTAL UNIT FOR AUTOMOTIVE APPLICATIONS LOW PROFILE SMD
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  EPSON [Epson Company]
Site Internet  http://www.epsondevice.com
Logo EPSON - Epson Company

FC-13A Datasheet(HTML) 1 Page - Epson Company

  FC-13A Datasheet HTML 1Page - Epson Company FC-13A Datenblatt HTML 2Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Crystal unit
Specifications (characteristics)
Item
Symbol
Specifications
Conditions / Remarks
Nominal frequency range
f_nom
32.768 kHz
Storage temperature
T_stg
-55
C to +125 C
Storage as single product.
Operating temperature
T_use
-40
C to +125 C
Level of drive
DL
0.5
W (1.0 W Max.)
Please contact us if you require
1.0
W Max.
Frequency tolerance
(standard)
f_tol
20  10-6, 30  10-6, 50  10-6
+25
C, DL=0.1 W
Turnover temperature
Ti
+25
C 5 C
Parabolic coefficient
B
-0.04
 10-6 / C2 Max.
Load capacitance
CL
9 pF, 12.5 pF
Please specify
Motional resistance (ESR)
R1
70 k
 Max.
Motional capacitance
C1
3.2 fF Typ.
Shunt capacitance
C0
0.9 pF Typ.
Frequency aging
f_age
3  10-6 / year Max.
+25
C, First year
Product name
FC-13A
32.768000kHz
12.5
+20.0-20.0
(Standard form)
①Model
②Frequency
③Load capacitance(pF)
④Frequency tolerance(×10
-6, +25 C)
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
.
kHz RANGE CRYSTAL UNIT
For Automotive
FC - 13A
Frequency range
:
32.768 kHz
External dimensions : 3.2 × 1.5 × 0.9 mm
Overtone order
:
Fundamental
Applications
:
Car audio, ECU sub clock,
Car navigation system, Clock
Conforms to AEC-Q200
Product Number (please contact us)
X1A000091xxxx00
3.2 ±0.1
#1
#2
Internal connection
(TOP VIEW)
1.0
#1
#2
1.0
1.35
2.15
Do not design any circuit patterns
in the shaded area.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn