Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC55YEM416BXGN70 Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TC55YEM416BXGN70
Description  1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55YEM416BXGN70 Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TC55YEM416BXGN70 Datasheet HTML 1Page - Toshiba Semiconductor TC55YEM416BXGN70 Datasheet HTML 2Page - Toshiba Semiconductor TC55YEM416BXGN70 Datasheet HTML 3Page - Toshiba Semiconductor TC55YEM416BXGN70 Datasheet HTML 4Page - Toshiba Semiconductor TC55YEM416BXGN70 Datasheet HTML 5Page - Toshiba Semiconductor TC55YEM416BXGN70 Datasheet HTML 6Page - Toshiba Semiconductor TC55YEM416BXGN70 Datasheet HTML 7Page - Toshiba Semiconductor TC55YEM416BXGN70 Datasheet HTML 8Page - Toshiba Semiconductor TC55YEM416BXGN70 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC55VCM416BTGN, TC55VCM416BSGN, TC55VEM416BXGN55
TC55YCM416BTGN, TC55YCM416BSGN, TC55YEM416BXGN70
2005-08-09
4/18
OPERATING MODE
MODE
1
CE
CE2
OE
R/W
LB
UB
I/O1~I/O8
I/O9~I/O16
POWER
L
H
L
H
L
L
Output
Output
IDDO
L
H
L
H
H
L
High-Z
Output
IDDO
Read
L
H
L
H
L
H
Output
High-Z
IDDO
L
H
*
L
L
L
Input
Input
IDDO
L
H
*
L
H
L
High-Z
Input
IDDO
Write
L
H
*
L
L
H
Input
High-Z
IDDO
L
H
H
H
L
L
High-Z
High-Z
IDDO
L
H
H
H
H
L
High-Z
High-Z
IDDO
Output Deselect
L
H
H
H
L
H
High-Z
High-Z
IDDO
H
*
*
*
*
*
High-Z
High-Z
IDDS
Standby
*
L
*
*
*
*
High-Z
High-Z
IDDS
* = don't care
H = logic high
L = logic low
MAXIMUM RATINGS
VALUE
SYMBOL
RATING
TC55VCM416BTGN55
TC55VCM416BSGN55
TC55VEM416BXGN55
TC55YCM416BTGN70
TC55YCM416BSGN70
TC55YEM416BXGN70
UNIT
VDD
Power Supply Voltage
−0.3~4.2
−0.3~2.5
V
VIN
Input Voltage
−0.3
*1
~4.2
−0.3
*1
~2.5
V
VI/O
Input/Output Voltage
−0.5~VDD + 0.5
−0.5~VDD + 0.5
V
PD
Power Dissipation
0.6
0.6
W
Tsolder
Soldering Temperature (10s)
260
260
°C
TSOP type
−55~150
−55~150
°C
Tstg
Storage Temperature
BGA type
−55~125
−55~125
°C
Ta
Operating Ambient Temperature
−40~85
−40~85
°C
*1
:
−1.0 V when measured at a pulse width of 10ns
DC RECOMMENDED OPERATING CONDITIONS (Ta = −40° to 85°C)
TC55VCM416BTGN55
TC55VCM416BSGN55
TC55VEM416BXGN55
TC55YCM416BTGN70
TC55YCM416BSGN70
TC55YEM416BXGN70
SYMBOL
PARAMETER
TEST CONDITION
MIN
MAX
MIN
MAX
UNIT
VDD
Power Supply Voltage
2.3
3.6
1.65
2.2
2.3 V
≤ VDD < 2.7 V
2.0
VDD + 0.3
2.7 V
≤ VDD ≤ 3.6 V
2.2
VDD + 0.3
1.65 V
≤ VDD < 1.8 V
1.4
VDD + 0.3
VIH
Input High Voltage
1.8 V
≤ VDD ≤ 2.2 V
1.6
VDD + 0.3
VIL
Input Low Voltage
−0.3
*2
VDD × 0.24
−0.3
*2
VDD × 0.22
VDH
Data Retention Supply Voltage
1.5
3.6
1.0
2.2
V
*2
:
−1.0 V when measured at a pulse width of 10ns


Numéro de pièce similaire - TC55YEM416BXGN70

FabricantNo de pièceFiches techniqueDescription
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
logo
Cornell Dubilier Electr...
TC55 CDE-TC55 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
Toshiba Semiconductor
TC5501D TOSHIBA-TC5501D Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
TC5501D-1 TOSHIBA-TC5501D-1 Datasheet
156Kb / 8P
   256 WORD x 4 BIT CMOS RAM
More results

Description similaire - TC55YEM416BXGN70

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC55VEM416AXBN55 TOSHIBA-TC55VEM416AXBN55 Datasheet
208Kb / 14P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V400AFT-70 TOSHIBA-TC55V400AFT-70 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC551402J TOSHIBA-TC551402J Datasheet
343Kb / 7P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC55V1403J TOSHIBA-TC55V1403J Datasheet
383Kb / 8P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC55V1664BJ TOSHIBA-TC55V1664BJ_V01 Datasheet
428Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
1998-06-17
TC55V16648BJ TOSHIBA-TC55V16648BJ Datasheet
456Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com