Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC55VCM416BTGN55 Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC55VCM416BTGN55
Description  1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VCM416BTGN55 Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC55VCM416BTGN55 Datasheet HTML 1Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 2Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 3Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 4Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 5Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 6Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 7Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 8Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TC55VCM416BTGN, TC55VCM416BSGN, TC55VEM416BXGN55
TC55YCM416BTGN, TC55YCM416BSGN, TC55YEM416BXGN70
2005-08-09
1/18
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
DESCRIPTION
The TC55VCM416B, TC55VEM416B, TC55YCM416B and TC55YEM416B is a 16,777,216-bit static random
access memory (SRAM) organized as 1,048,576 words by 16 bits. Fabricated using Toshiba's CMOS Silicon gate
process technology, this device operates from a single 2.3 to 3.6 V/1.65 to 2.2 V power supply. Advanced circuit
technology provides both high speed and low power at an operating current of 2 mA/MHz and a minimum cycle
time of 55 ns. It is automatically placed in low-power mode at 0.7
μA standby current (at VDD = 3 V, Ta = 25°C,
typical) when chip enable ( CE1 ) is asserted high or (CE2) is asserted low. There are three control inputs. CE1
and CE2 are used to select the device and for data retention control, and output enable ( OE ) provides fast memory
access. Data byte control pin (
LB , UB ) provides lower and upper byte access. This device is well suited to various
microprocessor system applications where high speed, low power and battery backup are required. And, with a
guaranteed operating extreme temperature range of
−40° to 85°C, the TC55VCM416B, TC55VEM416B,
TC55YCM416B and TC55YEM416B can be used in environments exhibiting extreme temperature conditions. The
TC55VCM416BTGN/BSGN, TC55YCM416BTGN/BSGN is available in a plastic 48-pin thin-small-outline package
(TSOP). The TC55VEM416BXGN, TC55YEM416BXGN is available in a plastic 48-ball BGA.
FEATURES
• Low-power dissipation
Operating: 6 mW/MHz (typical)
• Power down features using CE1 and CE2
• Wide operating temperature range of −40° to 85°C
• Lead-Free
Access time
(MAX)
Supply Current
Part Number
Operating
Supply
Voltage
Package
Supply
Voltage
2.7~3.6 V
Supply
Voltage
2.3~3.6 V
At
Operating
(MAX)
At
Standby
(MAX)
At Data
Retention
TC55VCM416BTGN55
48-pin Plastic TSOP(I)
(12
×20mm) (0.5mm pin pitch)
(Normal bent)
55 ns
70 ns
TC55VCM416BSGN55
48-pin Plastic TSOP(I)
(12
×14mm) (0.5mm pin pitch)
(Normal bent)
55 ns
70 ns
TC55VEM416BXGN55
2.3~3.6 V
48-ball BGA
(8
×11mm) (0.75mm ball pitch)
55 ns
70 ns
20 mA
15
μA
1.5~3.6 V
Access time
(MAX)
Supply Current
Part Number
Operating
Supply
Voltage
Package
Supply
Voltage
1.8~2.2 V
Supply
Voltage
1.65~2.2 V
At
Operating
(MAX)
At
Standby
(MAX)
At Data
Retention
TC55YCM416BTGN70
48-pin Plastic TSOP(I)
(12
×20mm) (0.5mm pin pitch)
(Normal bent)
70 ns
85 ns
TC55YCM416BSGN70
48-pin Plastic TSOP(I)
(12
×14mm) (0.5mm pin pitch)
(Normal bent)
70 ns
85 ns
TC55YEM416BXGN70
1.65~2.2 V
48-ball BGA
(8
×11mm) (0.75mm ball pitch)
70 ns
85 ns
15 mA
15
μA
1.0~2.2 V
Lead-Free


Numéro de pièce similaire - TC55VCM416BTGN55

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC55VCM208ASTN40 TOSHIBA-TC55VCM208ASTN40 Datasheet
111Kb / 12P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM208ASTN55 TOSHIBA-TC55VCM208ASTN55 Datasheet
111Kb / 12P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM216ASTN40 TOSHIBA-TC55VCM216ASTN40 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VCM216ASTN55 TOSHIBA-TC55VCM216ASTN55 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Description similaire - TC55VCM416BTGN55

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC55VEM416AXBN55 TOSHIBA-TC55VEM416AXBN55 Datasheet
208Kb / 14P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V400AFT-70 TOSHIBA-TC55V400AFT-70 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC551402J TOSHIBA-TC551402J Datasheet
343Kb / 7P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC55V1403J TOSHIBA-TC55V1403J Datasheet
383Kb / 8P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC55V1664BJ TOSHIBA-TC55V1664BJ_V01 Datasheet
428Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
1998-06-17
TC55V16648BJ TOSHIBA-TC55V16648BJ Datasheet
456Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com