Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79625DCQR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS79625DCQR
Description  Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79625DCQR Fiches technique(HTML) 1 Page - Texas Instruments

  TPS79625DCQR Datasheet HTML 1Page - Texas Instruments TPS79625DCQR Datasheet HTML 2Page - Texas Instruments TPS79625DCQR Datasheet HTML 3Page - Texas Instruments TPS79625DCQR Datasheet HTML 4Page - Texas Instruments TPS79625DCQR Datasheet HTML 5Page - Texas Instruments TPS79625DCQR Datasheet HTML 6Page - Texas Instruments TPS79625DCQR Datasheet HTML 7Page - Texas Instruments TPS79625DCQR Datasheet HTML 8Page - Texas Instruments TPS79625DCQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
2
3
4
5
6
GND
NR/FB
OUT
GND
IN
EN
1
KTT (DDPAK) PACKAGE
(TOP VIEW)
2
3
4
5
EN
IN
GND
OUT
NR/FB
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Frequency (Hz)
100
10k
100k
1k
IOUT = 1 mA
TPS79630
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
IOUT = 1.5 A
VIN = 5.5 V
COUT = 2.2 F
m
CNR = 0.1 mF
0
10
20
30
40
50
60
70
80
Frequency (Hz)
1
10k
10M
1k
IOUT = 1 mA
TPS79630
RIPPLE REJECTION
vs
FREQUENCY
IOUT = 1 A
VIN = 4 V
COUT = 10 F
m
CNR = 0.01 mF
10
100
100k
1M
EN
NC
GND
NR/FB
8
7
6
5
IN
IN
OUT
OUT
1
2
3
4
DRB PACKAGE
3mm x 3mm SON
(TOP VIEW)
DCQ PACKAGE
SOT223-6
(TOP VIEW)
TPS796
www.ti.com
SLVS351O – SEPTEMBER 2002 – REVISED NOVEMBER 2013
Ultralow-Noise, High PSRR, Fast, RF, 1A
Low-Dropout Linear Regulators
1
FEATURES
DESCRIPTION
The TPS796xx family of low-dropout (LDO) low-
234
1A Low-Dropout Regulator With Enable
power linear voltage regulators features high power
Available in Fixed and Adjustable (1.2V to
supply rejection ratio (PSRR), ultralow-noise, fast
5.5V) Versions
start-up,
and
excellent
line
and
load
transient
High PSRR (53dB at 10kHz)
responses in small outline, 3 × 3 SON, SOT223-6,
and DDPAK-5 packages. Each device in the family is
Ultralow-Noise (40
μVRMS, TPS79630)
stable with a small 1
μF ceramic capacitor on the
Fast Start-Up Time (50
μs)
output. The family uses an advanced, proprietary
Stable With a 1
μF Ceramic Capacitor
BiCMOS fabrication process to yield extremely low
dropout voltages (for example, 250mV at 1A). Each
Excellent Load/Line Transient Response
device achieves fast start-up times (approximately
Very Low Dropout Voltage (250mV at Full
50
μs
with
a
0.001
μF
bypass
capacitor)
while
Load, TPS79630)
consuming very low quiescent current (265
μA
3 × 3 SON PowerPAD™, SOT223-6, and
typical). Moreover, when the device is placed in
DDPAK-5 Packages
standby mode, the supply current is reduced to less
than 1
μA. The TPS79630 exhibits approximately
40
μVRMS of output voltage noise at 3.0V output, with
APPLICATIONS
a 0.1
μF bypass capacitor. Applications with analog
RF: VCOs, Receivers, ADCs
components that are noise sensitive, such as portable
Audio
RF electronics, benefit from the high PSRR, low
noise features, and the fast response time.
Bluetooth™, Wireless LAN
Cellular and Cordless Telephones
Handheld Organizers, PDAs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments Inc.
3
Bluetooth is a trademark of Bluetooth SIG, Inc.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS79625DCQR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79625DCQR TI-TPS79625DCQR Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79625DCQR TI-TPS79625DCQR Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79625DCQRG4 TI-TPS79625DCQRG4 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
More results

Description similaire - TPS79625DCQR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS796XX TI-TPS796XX Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com