Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK209 Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce 2SK209
Description  Audio Frequency Low Noise Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK209 Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  2SK209 Datasheet HTML 1Page - Toshiba Semiconductor 2SK209 Datasheet HTML 2Page - Toshiba Semiconductor 2SK209 Datasheet HTML 3Page - Toshiba Semiconductor 2SK209 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SK209
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel Junction Type
2SK209
Audio Frequency Low Noise Amplifier Applications
• High |Yfs|: |Yfs| = 15 mS (typ.) at VDS = 10 V, VGS = 0
• High breakdown voltage: VGDS = −50 V
• Low noise: NF = 1.0dB (typ.)
at VDS = 10 V, ID = 0.5 mA, f = 1 kHz, RG = 1 kΩ
• High input impedance: IGSS = −1 nA (max) at VGS = −30 V
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Gate-drain voltage
VGDS
−50
V
Gate current
IG
10
mA
Drain power dissipation
PD
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure
rate, etc).
Marking
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate cut-off current
IGSS
VGS = −30 V, VDS = 0
−1.0
nA
Gate-drain breakdown voltage
V (BR) GDS
VDS = 0, IG = −100 μA
−50
V
Drain current
IDSS
(Note)
VDS = 10 V, VGS = 0
1.2
14.0
mA
Gate-source cut-off voltage
VGS (OFF)
VDS = 10 V, ID = 0.1 μA
−0.2
−1.5
V
Forward transfer admittance
⎪Yfs
VDS = 10 V, VGS = 0, f = 1 kHz
4.0
15
mS
Input capacitance
Ciss
VDS = 10 V, VGS = 0, f = 1 MHz
13
pF
Reverse transfer capacitance
Crss
VDG = 10 V, ID = 0, f = 1 MHz
3
pF
Noise figure
NF (1)
VDS = 10 V, RG = 1 kΩ
ID = 0.5 mA, f = 10 Hz
5
dB
Noise figure
NF (2)
VDS = 10 V, RG = 1 kΩ
ID = 0.5 mA, f = 1 kHz
1
dB
Note: IDSS classification Y: 1.2~3.0 mA, GR: 2.6~6.5 mA, BL: 6.0~14 mA
Unit: mm
JEDEC
TO-236
JEITA
SC-59
TOSHIBA
2-3F1B
Weight: 0.012 g (typ.)


Numéro de pièce similaire - 2SK209

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK209 TOSHIBA-2SK209 Datasheet
196Kb / 3P
   N CHANNEL JUNCTION TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
2SK209 TOSHIBA-2SK209 Datasheet
553Kb / 4P
   Silicon N Channel Junction Type Audio Frequency Low Noise Amplifier Applications
2SK209 TOSHIBA-2SK209 Datasheet
287Kb / 4P
   Audio Frequency Low Noise Amplifier Applications
2SK209 TOSHIBA-2SK209 Datasheet
287Kb / 4P
   Audio Frequency Low Noise Amplifier Applications
2SK209-BL TOSHIBA-2SK209-BL Datasheet
287Kb / 4P
   Audio Frequency Low Noise Amplifier Applications
More results

Description similaire - 2SK209

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SA1015 TOSHIBA-2SA1015 Datasheet
110Kb / 3P
   Audio Frequency Amplifier Applications Low Noise Amplifier Applications
2SA1312 TOSHIBA-2SA1312_07 Datasheet
622Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SA1312-BL TOSHIBA-2SA1312-BL Datasheet
314Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SK2145-GR TOSHIBA-2SK2145-GR Datasheet
308Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SC3324-GR TOSHIBA-2SC3324-GR Datasheet
277Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SC3324-BL TOSHIBA-2SC3324-BL Datasheet
277Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SA1312-GR TOSHIBA-2SA1312-GR Datasheet
314Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
2SK209-BL TOSHIBA-2SK209-BL Datasheet
287Kb / 4P
   Audio Frequency Low Noise Amplifier Applications
2SK880-GR TOSHIBA-2SK880-GR Datasheet
300Kb / 4P
   Audio Frequency Low Noise Amplifier Applications
2SA1312BL TOSHIBA-2SA1312BL Datasheet
314Kb / 5P
   Audio Frequency Low Noise Amplifier Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com