Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79650 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS79650
Description  Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79650 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS79650 Datasheet HTML 1Page - Texas Instruments TPS79650 Datasheet HTML 2Page - Texas Instruments TPS79650 Datasheet HTML 3Page - Texas Instruments TPS79650 Datasheet HTML 4Page - Texas Instruments TPS79650 Datasheet HTML 5Page - Texas Instruments TPS79650 Datasheet HTML 6Page - Texas Instruments TPS79650 Datasheet HTML 7Page - Texas Instruments TPS79650 Datasheet HTML 8Page - Texas Instruments TPS79650 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
TPS796
SLVS351O – SEPTEMBER 2002 – REVISED NOVEMBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Over recommended operating temperature range (TJ = –40°C to +125°C), VEN = VIN,, VIN = VOUT(nom) + 1 V
(1), I
OUT = 1mA,
COUT = 10μF, and CNR = 0.01μF, unless otherwise noted. Typical values are at +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN Input voltage
(1)
2.7
5.5
V
VFB Internal reference (TPS79601)
1.200
1.225
1.250
V
IOUT Continuous output current
0
1
A
Output
TPS79601
1.225
5.5 – VDD
V
voltage range
TPS79601(2)
0
μA ≤ IOUT ≤ 1A, VOUT + 1V ≤ VIN ≤ 5.5V
(1)
0.98VOUT
VOUT
1.02VOUT
V
Output
Fixed
voltage
0
μA ≤ IOUT ≤ 1A, VOUT + 1V ≤ VIN ≤ 5.5V
(1)
–2.0
+2.0
%
Accuracy
VOUT < 5V
Fixed
0
μA ≤ IOUT ≤ 1A, VOUT + 1V ≤ VIN ≤ 5.5V
(1)
–3.0
+3.0
%
VOUT = 5V
Output voltage line regulation
VOUT + 1V ≤ VIN ≤ 5.5V
0.05
0.12
%/V
(
ΔVOUT%/VIN)
(1)
Load regulation (
ΔVOUT%/ΔIOUT)
0
μA ≤ IOUT ≤ 1A
5
mV
TPS79628
IOUT = 1A
270
365
TPS79628DRB
IOUT = 250mA
52
90
Dropout voltage(3)
TPS79630
IOUT = 1A
250
345
mV
(VIN = VOUT (nom) – 0.1V)
TPS79633
IOUT = 1A
220
325
TPS79650
IOUT = 1A
200
300
Output current limit
VOUT = 0V
2.4
4.2
A
Ground pin current
0
μA ≤ IOUT ≤ 1A
265
385
μA
Shutdown current(4)
VEN = 0V, 2.7V ≤ VIN ≤ 5.5V
0.07
1
μA
FB pin current
VFB = 1.225V
1
μA
f = 100Hz, IOUT = 10mA
59
f = 100Hz, IOUT = 1A
54
Power-supply ripple
TPS79630
dB
rejection
f = 10kHz, IOUT = 1A
53
f = 100kHz, IOUT = 1A
42
CNR = 0.001μF
54
CNR = 0.0047μF
46
BW = 100Hz to 100kHz,
Output noise voltage (TPS79630)
μVRMS
IOUT = 1A
CNR = 0.01μF
41
CNR = 0.1μF
40
CNR = 0.001μF
50
Time, start-up (TPS79630)
RL = 3Ω, COUT = 1μF
CNR = 0.0047μF
75
μs
CNR = 0.01μF
110
EN pin current
VEN = 0V
–1
1
μA
UVLO threshold
VCC rising
2.25
2.65
V
UVLO hysteresis
100
mV
High-level enable input voltage
2.7V
≤ VIN ≤ 5.5V
1.7
VIN
V
Low-level enable input voltage
2.7V
≤ VIN ≤ 5.5V
0
0.7
V
(1)
Minimum VIN = VOUT + VDO or 2.7V, whichever is greater. TPS79650 is tested at VIN = 5.5V.
(2)
Tolerance of external resistors not included in this specification.
(3)
VDO is not measured for TPS79618 and TPS79625 because minimum VIN = 2.7V.
(4)
For adjustable version, this applies only after VIN is applied; then VEN transitions high to low.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated


Numéro de pièce similaire - TPS79650

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79650DCQ TI-TPS79650DCQ Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79650DCQG4 TI-TPS79650DCQG4 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79650DCQR TI-TPS79650DCQR Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79650DCQRG4 TI-TPS79650DCQRG4 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79650DRBR TI-TPS79650DRBR Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
More results

Description similaire - TPS79650

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS796XX TI-TPS796XX Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com