Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79633 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS79633
Description  Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79633 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS79633 Datasheet HTML 6Page - Texas Instruments TPS79633 Datasheet HTML 7Page - Texas Instruments TPS79633 Datasheet HTML 8Page - Texas Instruments TPS79633 Datasheet HTML 9Page - Texas Instruments TPS79633 Datasheet HTML 10Page - Texas Instruments TPS79633 Datasheet HTML 11Page - Texas Instruments TPS79633 Datasheet HTML 12Page - Texas Instruments TPS79633 Datasheet HTML 13Page - Texas Instruments TPS79633 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
OUTPUT VOLTAGE
PROGRAMMING GUIDE
OUTPUT
VOLTAGE
R1
R2
C1
GND
FB
IN
OUT
EN
V
IN
V
OUT
R1
C1
R2
TPS79601
1
µF
1.8 V
3.6V
14.0 k
57.9 k
30.1 k
30.1 k
33 pF
15 pF
2.2
µF
C1 +
(3 x 10–7) x (R1 ) R2)
(R1 x R2)
R1 +
V
OUT
V
REF
*1
R2
TPS796
SLVS351O – SEPTEMBER 2002 – REVISED NOVEMBER 2013
www.ti.com
The recommended design procedure is to choose
Regulator Protection
R2 = 30.1k
Ω to set the divider current at 40μA, C1 =
The TPS796xx PMOS-pass transistor has a built-in
15pF for stability, and then calculate R1 using
back diode that conducts reverse current when the
Equation 2:
input voltage drops below the output voltage (for
example, during power-down). Current is conducted
from the output to the input and is not internally
(2)
limited. If extended reverse voltage operation is
anticipated, external limiting might be appropriate.
In order to improve the stability of the adjustable
version, it is suggested that a small compensation
The TPS796xx features internal current limiting and
capacitor be placed between OUT and FB. The
thermal protection. During normal operation, the
approximate value of this capacitor can be calculated
TPS796xx limits output current to approximately 2.8A.
as Equation 3:
When current limiting engages, the output voltage
scales back linearly until the overcurrent condition
ends. While current limiting is designed to prevent
(3)
gross device failure, care should be taken not to
The suggested value of this capacitor for several
exceed the power dissipation ratings of the package.
resistor ratios is shown in the table in Figure 23. If
If
the
temperature
of
the
device
exceeds
this capacitor is not used (such as in a unity-gain
approximately +165°C, thermal-protection circuitry
configuration)
then
the
minimum
recommended
shuts it down. Once the device has cooled down to
output capacitor is 2.2
μF instead of 1μF.
below approximately +140°C, regulator operation
resumes.
Figure 23. TPS79601 Adjustable LDO Regulator Programming
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated


Numéro de pièce similaire - TPS79633

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79633 TI-TPS79633 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633DCQ TI-TPS79633DCQ Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633DCQ TI-TPS79633DCQ Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79633DCQG4 TI-TPS79633DCQG4 Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
More results

Description similaire - TPS79633

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS796XX TI-TPS796XX Datasheet
997Kb / 33P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS79301-Q1 TI-TPS79301-Q1 Datasheet
308Kb / 16P
[Old version datasheet]   ULTRALOW-NOISE HIGH-PSRR FAST-RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79301-EP TI1-TPS79301-EP_16 Datasheet
931Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST RF 200-mA LOW-DROPOUT LINEAR REGULATORS
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601DRBR TI1-TPS78601DRBR Datasheet
1Mb / 29P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com